Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS741AIPW Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC16IS741AIPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS741AIPW Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC16IS741AIPW Datasheet HTML 35Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 36Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 37Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 38Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 39Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 40Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 41Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 42Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
SC16IS741A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2013
39 of 55
NXP Semiconductors
SC16IS741A
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
12. Limiting values
[1]
5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present.
4.6 V steady state voltage tolerance on inputs and outputs when no supply voltage is present.
13. Static characteristics
Table 31.
Register address byte (SPI)
Bit
Name
Function
7R/W
1: read from UART
0: write to UART
6:3
A[3:0]
UART’s internal register select
2:1
CH1, CH0
channel select: CH1 = 0, CH0 = 0
Other values are reserved and should not be used.
0
-
not used
Table 32.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.3
+4.6
V
VI
input voltage
any input
0.3
+5.5[1]
V
II
input current
any input
10
+10
mA
IO
output current
any output
10
+10
mA
Ptot
total power dissipation
-
300
mW
P/out
power dissipation per output
-
50
mW
Tamb
ambient temperature
operating
VDD =2.5 V  0.2 V
40
+85
C
VDD =3.3 V  0.3 V
40
+95
C
Tj
junction temperature
-
+125
C
Tstg
storage temperature
65
+150
C
Table 33.
Static characteristics
VDD =2.5 V 0.2 V, Tamb = 40 Cto+85 C; or VDD =3.3 V 0.3 V, Tamb = 40 Cto +95 C; unless otherwise specified.
Symbol
Parameter
Conditions
VDD =2.5 V
VDD =3.3 V
Unit
Min
Max
Min
Max
Supplies
VDD
supply voltage
2.3
2.7
3.0
3.6
V
IDD
supply current
operating; no load
-
6.0
-
6.0
mA
Inputs I2C/SPI, RX, CTS
VIH
HIGH-level input voltage
1.6
5.5[1]
2.0
5.5[1]
V
VIL
LOW-level input voltage
-
0.6
-
0.8
V
IL
leakage current
input; VI = 0 V or 5.5 V[1]
-1-1
A
Ci
input capacitance
-
3
-
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com