Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS741AIPW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16IS741AIPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS741AIPW Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16IS741AIPW Datasheet HTML 1Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 2Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 3Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 4Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 5Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 6Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 7Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 8Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
SC16IS741A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2013
4 of 55
NXP Semiconductors
SC16IS741A
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
6.
Pinning information
6.1 Pinning
6.2 Pin description
a. I2C-bus interface
b. SPI interface
Fig 3.
Pin configuration for TSSOP16
SC16IS741AIPW
VDD
XTAL2
A0
XTAL1
A1
RESET
n.c.
RX
SCL
TX
SDA
CTS
IRQ
RTS
I2C
VSS
002aah541
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
SC16IS741AIPW
VDD
XTAL2
CS
XTAL1
SI
RESET
SO
RX
SCLK
TX
VSS
CTS
IRQ
RTS
SPI
VSS
002aah542
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3.
Pin description
Symbol
Pin
Type Description
VDD
1
-
power supply
CS/A0
2
I
SPI chip select or I2C-bus device address select A0. If SPI
configuration is selected by I2C/SPI pin, this pin is the SPI chip select
pin (Schmitt-trigger, active LOW). If I2C-bus configuration is selected
by I2C/SPI pin, this pin along with A1 pin allows user to change the
device’s base address.
SI/A1
3
I
SPI data input pin or I2C-bus device address select A1. If SPI
configuration is selected by I2C/SPI pin, this is the SPI data input pin.
If I2C-bus configuration is selected by I2C/SPI pin, this pin along with
A0 pin allows user to change the device’s base address. To select the
device address, please refer to Table 29.
SO
4
O
SPI data output pin. If SPI configuration is selected by I2C/SPI pin,
this is a 3-stateable output pin. If I2C-bus configuration is selected by
I2C/SPI pin, this pin function is undefined and must be left as n.c. (not
connected).
SCL/SCLK
5
I
I2C-bus or SPI input clock.
SDA
6
I/O
I2C-bus data input/output, open-drain if I2C-bus configuration is
selected by I2C/SPI pin. If SPI configuration is selected then this pin
is an undefined pin and must be connected to VSS.
IRQ
7
O
Interrupt (open-drain, active LOW). Interrupt is enabled when
interrupt sources are enabled in the Interrupt Enable Register (IER).
Interrupt conditions include: change of state of the input pins, receiver
errors, available receiver buffer data, available transmit buffer space,
or when a modem status flag is detected. An external resistor (1 k
for 3.3V, 1.5k
 for 2.5 V) must be connected between this pin and
VDD.
I2C/SPI
8I
I2C-bus or SPI interface select. I2C-bus interface is selected if this pin
is at logic HIGH. SPI interface is selected if this pin is at logic LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com