Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1014 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPD1014
Description  15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1014 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPD1014 Datasheet HTML 1Page - Qorvo, Inc QPD1014 Datasheet HTML 2Page - Qorvo, Inc QPD1014 Datasheet HTML 3Page - Qorvo, Inc QPD1014 Datasheet HTML 4Page - Qorvo, Inc QPD1014 Datasheet HTML 5Page - Qorvo, Inc QPD1014 Datasheet HTML 6Page - Qorvo, Inc QPD1014 Datasheet HTML 7Page - Qorvo, Inc QPD1014 Datasheet HTML 8Page - Qorvo, Inc QPD1014 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
QPD1014
15W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. A
- 2 of 21 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Absolute Maximum Ratings1
Parameter
Rating
Units
Breakdown Voltage,BVDG
+145
V
Gate Voltage Range, VG
-8 to +2
V
Drain Current, ID
1
A
Gate Current Range, IG
See page 4.
mA
Power Dissipation, CW, PDISS
15.8
W
RF Input Power, CW, 50 Ω, T = 25 °C
+31
dBm
Channel Temperature, TCH
275
°C
Mounting Temperature (30 Seconds)
320 
°C
Storage Temperature
−40 to +150
°C
Notes:
1. Operation of this device outside the parameter ranges given above may cause permanent damage.
Recommended Operating Conditions1
Parameter
Min
Typ
Max
Units
Operating Temp. Range
−40
+25
+85
 °C
Drain Voltage Range, VD
+12
+50
+55
V
Drain Bias Current, IDQ
–
25
–
mA
Drain Current, ID
–
500
–
mA
Gate Voltage, VG2
–
−2.8
–
V
Channel Temperature (TCH)
–
–
250
°C
Power Dissipation, CW (PD)3
–
–
14.4
W
Notes:
1. Electrical performance is measured under conditions noted in the electrical specifications table. Specifications are not guaranteed
over all recommended operating conditions.
2. To be adjusted to desired IDQ.
3. Back plane of package at 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com