Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1014 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPD1014
Description  15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1014 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPD1014 Datasheet HTML 13Page - Qorvo, Inc QPD1014 Datasheet HTML 14Page - Qorvo, Inc QPD1014 Datasheet HTML 15Page - Qorvo, Inc QPD1014 Datasheet HTML 16Page - Qorvo, Inc QPD1014 Datasheet HTML 17Page - Qorvo, Inc QPD1014 Datasheet HTML 18Page - Qorvo, Inc QPD1014 Datasheet HTML 19Page - Qorvo, Inc QPD1014 Datasheet HTML 20Page - Qorvo, Inc QPD1014 Datasheet HTML 21Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
QPD1014
15W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. A
- 21 of 21 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Product Compliance Information
ESD Sensitivity Ratings
Solderability
Caution! ESD Sensitive Device
Compatible with lead free soldering processes, 260
 °C
maximum reflow temperature.
Package lead plating: NiAu
The use of no-clean solder to avoid washing after soldering is
recommended.
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain
Hazardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
ESD Rating
ESD Rating:
TBD
Value:
TBD
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating
MSL Rating:
TBD
Test:
260
 °C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
Qorvo:
Web:
www.Qorvo.com
Tel:
+1.972.994.8465
Email: info-sales@qorvo.com
Fax:
+1.972.994.8504
For technical questions and application information:
Email: info-products@qorvo.com
Important Notice
The information contained herein is believed to be reliable. Qorvo makes no warranties regarding the information contained
herein. Qorvo assumes no responsibility or liability whatsoever for any of the information contained herein. Qorvo assumes
no responsibility or liability whatsoever for the use of the information contained herein. The information contained herein is
provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with the user.
All information contained herein is subject to change without notice. Customers should obtain and verify the latest relevant
information before placing orders for Qorvo products. The information contained herein or any use of such information does
not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether
with regard to such information itself or anything described by such information.
Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com