Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7405BRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7405BRIZ
Description  16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7405BRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7405BRIZ Datasheet HTML 9Page - Analog Devices AD7405BRIZ Datasheet HTML 10Page - Analog Devices AD7405BRIZ Datasheet HTML 11Page - Analog Devices AD7405BRIZ Datasheet HTML 12Page - Analog Devices AD7405BRIZ Datasheet HTML 13Page - Analog Devices AD7405BRIZ Datasheet HTML 14Page - Analog Devices AD7405BRIZ Datasheet HTML 15Page - Analog Devices AD7405BRIZ Datasheet HTML 16Page - Analog Devices AD7405BRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD7405
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7405 isolated Σ-Δ modulator converts an analog input
signal into a high speed (20 MHz maximum), single-bit data
stream; the time average single-bit data from the modulator is
directly proportional to the input signal. Figure 21 shows a
typical application circuit where the AD7405 is used to provide
isolation between the analog input, a current sensing resistor or
shunt, and the digital output, which is then processed by a
digital filter to provide an N-bit word.
ANALOG INPUT
The differential analog input of the AD7405 is implemented
with a switched capacitor circuit. This circuit implements a
second-order modulator stage that digitizes the input signal
into a single-bit output stream. The sample clock (MCLKIN)
provides the clock signal for the conversion process as well as
the output data framing clock. This clock source is external on
the AD7405. The analog input signal is continuously sampled
by the modulator and compared to an internal voltage
reference. A digital stream that accurately represents the
analog input over time appears at the output of the converter
(see Figure 22).
A differential input signal of 0 V ideally results in a differential
stream of alternating 1s and 0s at the MDAT± output pins. This
output is high 50% of the time and low 50% of the time. A
differential input of 250 mV produces a stream of 1s and 0s that
are high 89.06% of the time. A differential input of −250 mV
produces a stream of 1s and 0s that are high 10.94% of the time.
A differential input of 320 mV ideally results in a stream of all
1s. A differential input of −320 mV ideally results in a stream of
all 0s. The absolute full-scale range is ±320 mV, and the specified
full-scale performance range is ±250 mV, as shown in Table 10.
Table 10. Analog Input Range
Analog Input
Voltage Input (mV)
Positive Full-Scale Value
+320
Positive Specified Performance Input
+250
Zero
0
Negative Specified Performance Input
−250
Negative Full-Scale Value
−320
Figure 21. Typical Application Circuit
Figure 22. Analog Input vs. Modulator Output
Σ-Δ
MOD/
ENCODER
NONISOLATED
5V/3V
VDD1
GND1
VIN+
VIN–
GND1
VDD1
VDD
GND
VDD2
MDAT+
MDAT–
MDAT
SINC3 FILTER*
AD7405
MCLKIN+
SDAT
CS
SCLK
MCLKIN–
MCLK
100nF
GND2
DECODER
1nF
10µF
+400V
–400V
220pF
220pF
10Ω
5.1V
RSHUNT
10Ω
DECODER
ENCODER
1nF
10µF
GATED
DRIVE
CIRCUIT
FLOATING
POWER SUPPLY
GATED
DRIVE
CIRCUIT
FLOATING
POWER SUPPLY
MOTOR
*THIS FILTER IS IMPLEMENTED
WITH AN FPGA OR DSP
MODULATOR OUTPUT
+FS ANALOG INPUT
–FS ANALOG INPUT
ANALOG INPUT
Rev. A | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com