Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7405BRIZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7405BRIZ
Description  16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7405BRIZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7405BRIZ Datasheet HTML 10Page - Analog Devices AD7405BRIZ Datasheet HTML 11Page - Analog Devices AD7405BRIZ Datasheet HTML 12Page - Analog Devices AD7405BRIZ Datasheet HTML 13Page - Analog Devices AD7405BRIZ Datasheet HTML 14Page - Analog Devices AD7405BRIZ Datasheet HTML 15Page - Analog Devices AD7405BRIZ Datasheet HTML 16Page - Analog Devices AD7405BRIZ Datasheet HTML 17Page - Analog Devices AD7405BRIZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7405
Data Sheet
To reconstruct the original information, this output must be
digitally filtered and decimated. A sinc3 filter is recommended
because it is one order higher than that of the AD7405 modulator,
which is a second-order modulator. If a 256 decimation rate is
used, the resulting 16-bit word rate is 78.1 kSPS, assuming a
20 MHz external clock frequency. See the Digital Filter section
for more detailed information on the sinc filter implementation.
Figure 23 shows the transfer function of the AD7405 relative to
the 16-bit output.
Figure 23. Filtered and Decimated 16-Bit Transfer Function
DIFFERENTIAL INPUTS
The analog input to the modulator is a switched capacitor
design. The analog signal is converted into charge by highly
linear sampling capacitors. A simplified equivalent circuit
diagram of the analog input is shown in Figure 24. A signal
source driving the analog input must provide the charge onto
the sampling capacitors every half MCLKIN cycle and settle to the
required accuracy within the next half cycle.
Figure 24. Analog Input Equivalent Circuit
Because the AD7405 samples the differential voltage across its
analog inputs, an input circuit provides low common-mode
noise at each input attaining low noise performance.
LOW VOLTAGE DIFFERENTIAL SIGNALING (LVDS)
INTERFACE
The AD7405 uses an LVDS interface for both the clock input
and the modulator output. The benefits of using LVDS in this
case helps to make the interface between the modulator and the
controller more robust and less susceptible to electromagnetic
interference (EMI) from the surroundings. LVDS also helps to
reduce the EMI emissions associated with high speed digital
signaling. LVDS signals are treated like transmission lines and
must be resistively terminated. The value of the differential
terminating resistor is typically 100 Ω. Place the terminating
resistor as close to the receiver as possible.
65535
58368
SPECIFIED RANGE
ANALOG INPUT
7168
–320mV
–250mV
+250mV
+320mV
0
φA
φB
300Ω
VIN–
φA
φB
φB
φB
300Ω
VIN+
1.9pF
1.9pF
φA
φA
MCLKIN
Rev. A | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com