Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301MCTA Datasheet(PDF) 15 Page - AnaSem Hong Kong Limited.

Part # VDD301MCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301MCTA Datasheet(HTML) 15 Page - AnaSem Hong Kong Limited.

Back Button VDD301MCTA Datasheet HTML 11Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 15Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 16Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 17Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 18Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 19Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AnaSem
14
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL CHARACTERISTICS – Delay Time vs. Ambient Temperature
VDD221MCTA (CMOS 2.2V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
200
180
120
100
60
40
20
-40
-20
0
20
40
60
80
140
VIN=6.0V
VIN=5.4V
160
80
VDD271MCTA (CMOS 2.7V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
200
180
120
100
60
40
20
-40
-20
0
20
40
60
80
140
VIN=6.0V
VIN=5.4V
160
80
VDD271SNTA (N-ch 2.7V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
50
45
30
25
15
10
5
-40
-20
0
20
40
60
80
35
VIN=6.0V
VIN=5.4V
40
20
VDD301MCTA (CMOS 3.0V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
200
180
120
100
60
40
20
-40
-20
0
20
40
60
80
140
VIN=6.0V
VIN=5.4V
160
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com