Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301MCTA Datasheet(PDF) 2 Page - AnaSem Hong Kong Limited.

Part # VDD301MCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301MCTA Datasheet(HTML) 2 Page - AnaSem Hong Kong Limited.

  VDD301MCTA Datasheet HTML 1Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 2Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD301MCTA Datasheet HTML 9Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AnaSem
1
AnaSem
Rev. E13-01
Products Data Sheet
Analog Semiconductor IC
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
VDD Series
GENERAL DESCRIPTIONS
The VDD series are delay circuit built-in voltage detectors with low
voltage, low power consumption and high accuracy. The accuracy of the
detection voltage is detected based on a voltage reference of high
accuracy that the temperature coefficient is controlled. The detection
voltage is made in high accuracy by using the laser trimming technology.
Because the delay circuit is built-in, delay time can be set without any
external components.
FEATURES
Detection voltage range ··································································
Operating voltage range ··································································
High accuracy detection voltage ·····················································
Detection voltage temperature characteristics ··································································
Delay time ·························································································
Output types ·························································································
Low current consumption ··································································
Operating temperature range ··································································
Small package ·························································································
APPLICATIONS
Reset of microprocessor
Power-on reset of system
Charge detection of battery
Battery back-up of memory
Monitoring of battery life time
Delay circuit
HALOGEN
RoHS
COMPLIANCE
1.8V~6.0V (selectable with a step of 0.1V)
0.7V~6.0V
±1% (VDET=1.8V~6.0V)
Typ. ±20ppm/°C (VDET=1.8V~6.0V)
S/10~50ms, M/50~200ms, L/80~400ms
CMOS or N-channel open drain
Typ. 0.6µA (VIN=1.5V)
–40°C ~ +85°C
SOT-23 (2.9×2.8×1.1mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com