Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP03WNH Datasheet(PDF) 6 Page - Quelighting Corp

Part # QLSP03WNH
Description  The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP03WNH Datasheet(HTML) 6 Page - Quelighting Corp

Back Button QLSP03WNH Datasheet HTML 2Page - Quelighting Corp QLSP03WNH Datasheet HTML 3Page - Quelighting Corp QLSP03WNH Datasheet HTML 4Page - Quelighting Corp QLSP03WNH Datasheet HTML 5Page - Quelighting Corp QLSP03WNH Datasheet HTML 6Page - Quelighting Corp QLSP03WNH Datasheet HTML 7Page - Quelighting Corp QLSP03WNH Datasheet HTML 8Page - Quelighting Corp QLSP03WNH Datasheet HTML 9Page - Quelighting Corp QLSP03WNH Datasheet HTML 10Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
5
QLSP03WXH V1.1
CIE binning code
Forward Voltage (VF) Bin:
VF rank
Code name
Low
High
D
5.8
6.0
E
6.0
6.2
F
6.2
6.4
G
6.4
6.6
The forward voltage tolerance is
± 0.1V
Luminous Flux Bin:
lm rank (lm)@150mA
Code name
Low
High
QX2
118
130
QY1
130
142
QY2
142
156
luminous flux tolerance is ± 7%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com