Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP03WNH Datasheet(PDF) 10 Page - Quelighting Corp

Part # QLSP03WNH
Description  The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP03WNH Datasheet(HTML) 10 Page - Quelighting Corp

Back Button QLSP03WNH Datasheet HTML 6Page - Quelighting Corp QLSP03WNH Datasheet HTML 7Page - Quelighting Corp QLSP03WNH Datasheet HTML 8Page - Quelighting Corp QLSP03WNH Datasheet HTML 9Page - Quelighting Corp QLSP03WNH Datasheet HTML 10Page - Quelighting Corp QLSP03WNH Datasheet HTML 11Page - Quelighting Corp QLSP03WNH Datasheet HTML 12Page - Quelighting Corp QLSP03WNH Datasheet HTML 13Page - Quelighting Corp QLSP03WNH Datasheet HTML 14Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9
QLSP03WXH V1.1
◼ Reliability test:
No
Item
Condition
Time/Cycle
Sample
size
1
Steady State Operating Life of Room
Temperature
25℃ Operating
1000 Hrs
20 pcs
2
Steady
State
Operating
Life
of
Low
Temperature -40℃
-40℃ Operating
1000 Hrs
20 pcs
3
Steady
State
Operating
Life
of
Low
Temperature 60℃
60℃ Operating
1000 Hrs
20 pcs
4
Steady
State
Operating
Life
of
Low
Temperature 85℃
85℃ Operating
1000 Hrs
20 pcs
5
Low temperature storage -40℃
-40℃ Storage
1000 Hrs
20 pcs
6
High temperature storage 100℃
100℃ Storage
1000 Hrs
20 pcs
7
Steady State Operating Life of High
Humidity Heat 60℃90%
60oC/90% Operating
1000 Hrs
20 pcs
8
Steady
State
Pulse
Operating
Life
Condition
25℃10Hz duty=1/10 Operating
200 Cycle
20 pcs
9
Resistance to soldering heat on PCB
(JEDEC MSL3)
pre-store@60℃, 60%RH for
52hrs Tsld max.=260 10sec
3 Times
20 pcs
10
Heat Cycle Test (JEDEC MRC)
25℃~65℃~-10℃, 90%RH,
24hr/1cycle
10 Cycle
20 pcs
11
Thermal shock
-40℃/ 20minr~ 5minr~100℃
/20min
300 Cycle
20 pcs
◼ Judgment Criteria:
Item
Symbol
Test Condition
Judgment
Criteria
Forward Voltage
Vf
150 mA
△Vf< 10%
Luminous Flux
Iv
150 mA
△Iv< 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com