Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4946 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4946
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4946 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4946 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4946 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4946 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4946 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4946 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page
v1.0
1
N-Channel Enhancement Mode Power MOSFET
Description
The 4946 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
4946
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
48
62.5
74
110
RθJL
35
40
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±20
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
25
Pulsed Drain CurrentB
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
2
1.2
-55 to 150
TA=70°C
ID
5.3
PRODUCT SUMMARY
VDSS
ID
60V
5.
3A
4.
7A
@ VGS
P
= 10V
52 @ VGS
P
= 4.5V
RDS(on) (m ) Max
42
60
D1
D2
S1
G1
S2
G2
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOP-8
Equivalent Cir cuit
MARKING
4946
o
TFCYWP
Y :year code W :week code


Similar Part No. - 4946

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4946 VBSEMI-4946 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
3M Electronics
4946 3M-4946 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
4946 3M-4946 Datasheet
533Kb / 9P
VHB™ Tape Specialty Tapes
Oct-2014
logo
Molex Electronics Ltd.
49463-0817 MOLEX6-49463-0817 Datasheet
260Kb / 3P
2.00mm (0.078") LCD Housing Assembly, Single Row, 8 Circuits
49463-1017 MOLEX6-49463-1017 Datasheet
260Kb / 3P
2.00mm (0.078") LCD Housing Assembly, Single Row, 10 Circuits
More results

Similar Description - 4946

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com