Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3442 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3442 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC3442 Datasheet HTML 1Page - Linear Integrated Systems LTC3442 Datasheet HTML 2Page - Linear Integrated Systems LTC3442 Datasheet HTML 3Page - Linear Integrated Systems LTC3442 Datasheet HTML 4Page - Linear Integrated Systems LTC3442 Datasheet HTML 5Page - Linear Integrated Systems LTC3442 Datasheet HTML 6Page - Linear Integrated Systems LTC3442 Datasheet HTML 7Page - Linear Integrated Systems LTC3442 Datasheet HTML 8Page - Linear Integrated Systems LTC3442 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3442
2
3442f
VIN, VOUT Voltage........................................... – 0.3 to 6V
SW1, SW2 Voltage
DC ................................................................. – 0.3 to 6V
Pulsed <100ns ............................................... – 0.3 to 7V
SHDN/SS, BURST Voltage ............................. – 0.3 to 6V
Operating Temperature (Note 2) ............. – 40°C to 85°C
Maximum Junction Temperature (Note 4) ............ 125°C
Storage Temperature Range ................. – 65°C to 125°C
ORDER PART
NUMBER
DE PART
MARKING
3442
LTC3442EDE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, RT = 64.9k, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
●
2.3
2.4
V
Output Voltage Adjust Range
●
2.4
5.25
V
Feedback Voltage
●
1.19
1.22
1.25
V
Feedback Input Current
VFB = 1.22V
1
50
nA
Quiescent Current – Burst Mode Operation
VFB = 1.22V, BURST = 0V (Note 3)
35
60
µA
Quiescent Current – Shutdown
SHDN = 0V, VOUT = 0V, Not Including Switch Leakage
0.1
1
µA
Quiescent Current – Active
BURST = VIN (Note 3)
600
1100
µA
NMOS Switch Leakage
Switches B and C
0.1
2
µA
PMOS Switch Leakage
Switches A and D
0.1
3
µA
NMOS Switch On Resistance
Switches B and C
0.10
Ω
PMOS Switch On Resistance
Switches A and D
0.10
Ω
Input Current Limit
●
23
A
Reverse Current Limit
0.5
A
Burst Mode Operation Current Limit
0.9
A
Max Duty Cycle
Boost (% Switch C On)
●
70
88
%
Buck (% Switch A In)
●
100
%
Min Duty Cycle
●
0%
Frequency Accuracy
●
570
670
770
kHz
Error Amp AVOL
90
dB
Error Amp Source Current
11
µA
Error Amp Sink Current
300
µA
Burst Threshold (Falling)
0.88
V
Burst Threshold (Rising)
1.12
V
TJMAX = 125°C
θJA = 53°C/W 1-Layer Board
θJA = 43°C/W 4-Layer Board
θJC = 4.3°C/W
EXPOSED PAD IS PGND (PIN 13)
MUST BE SOLDERED TO PCB
12
11
10
9
8
7
1
2
3
4
5
6
FB
VC
RLIM
VIN
VOUT
BURST
SHDN/SS
RT
SGND
SW1
PGND
SW2
TOP VIEW
13
DE12 PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com