Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3442 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3442 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC3442 Datasheet HTML 1Page - Linear Integrated Systems LTC3442 Datasheet HTML 2Page - Linear Integrated Systems LTC3442 Datasheet HTML 3Page - Linear Integrated Systems LTC3442 Datasheet HTML 4Page - Linear Integrated Systems LTC3442 Datasheet HTML 5Page - Linear Integrated Systems LTC3442 Datasheet HTML 6Page - Linear Integrated Systems LTC3442 Datasheet HTML 7Page - Linear Integrated Systems LTC3442 Datasheet HTML 8Page - Linear Integrated Systems LTC3442 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3442
3
3442f
VIN (V)
2.5
4.0
5.0
3442 G05
3.0
3.5
4.5
8
6
4
2
0
–2
–4
–6
–8
VOUT = 3.3V
1MHz
3442 G01
LOAD (mA)
0.1
1
10
100
1000
10000
90
60
100
80
70
50
40
30
20
Burst Mode
OPERATION
FIXED FREQUENCY
VIN = 5V
VIN = 3.3V
VIN = 2.5V
VIN = 5V
VIN = 3.3V
VIN = 2.5V
VOUT = 3.3V
600kHz
FREQUENCY (MHz)
0.50
0.75
1.00
1.25
1.50
3442 TA01b
1.75
15
10
5
0
–5
–10
2.00
VIN = 5V
VOUT SHORTED
VOUT DROPS 10%
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Burst Current Ratio
Ratio of IOUT to IBURST
20,000
Input Current Ratio
Ratio of IIN to IRLIM, IIN = 0.5A
70,000
RLIM Threshold
0.95
V
SHDN/SS Threshold
When IC is Enabled
●
0.4
0.7
1.4
V
When EA is at Max Boost Duty Cycle
2.2
2.4
V
SHDN/SS Input Current
VSHDN = 5.5V
0.01
1
µA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, RT = 64.9k, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3442E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current Measurements are performed when the outputs are not
switching.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load
Efficiency and Power Loss vs Load
Efficiency vs Frequency
Input Current Mirror Linearity
Average Input Current Limit
vs VIN (Normalized)
LOAD CURRENT (mA)
0.1
1
10
100
1000
10000
3442 G02
90
60
40
30
20
100
80
70
50
10
1
0.1
1000
100
Burst Mode
OPERATION
FIXED FREQUENCY
POWER LOSS
VIN = 3.6V
VOUT = 3.3V
FREQUENCY (kHz)
400
2000
3442 G03
800
1200
1600
600
1000
1400
1800
96
94
92
90
88
86
84
82
80
WITHOUT SCHOTTKY DIODES
WITH SCHOTTKY DIODES
VIN = 3.6V
VOUT = 3.3V
INPUT CURRENT (A)
0
1.00
0.90
0.80
0.60
0.70
0.50
0.40
0.30
0.20
0.10
0.00
.40
3442 G04
.10
.05
.15
.25
.35
.45
.20
.30
.50
VIN = 3.6V
VOUT = 3.3V
RLIM = 133k
(TA = 25°C unless otherwise specified).
Average Input Current Limit
vs Frequency (Normalized)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com