Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5321 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5321 Datasheet HTML 1Page - Microchip Technology MIC5321 Datasheet HTML 2Page - Microchip Technology MIC5321 Datasheet HTML 3Page - Microchip Technology MIC5321 Datasheet HTML 4Page - Microchip Technology MIC5321 Datasheet HTML 5Page - Microchip Technology MIC5321 Datasheet HTML 6Page - Microchip Technology MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 3
MIC5321
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) ................................................................................................................................ 0V to +6V
Enable Input Voltage (VEN) ............................................................................................................................... 0V to +6V
Power Dissipation (PD) Note 1...............................................................................................................Internally Limited
ESD Rating (Note 2) .................................................................................................................................................. 2 kV
Operating Ratings ‡
Supply Input Voltage (VIN) ........................................................................................................................ +2.3V to +5.5V
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation at any TA (ambient temperature) is PD(MAX) = (TJ(MAX) – TA)/θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the reg-
ulator will go into thermal shutdown.
2: Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 kΩ in series with
100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = EN = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 =
100 µA; COUT1 = COUT2 = 1 µF; CBYP = 0.01 µF; TJ = 25°C, bold values valid for –40°C ≤ TJ ≤ +125°C, unless noted.
(Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VOUT
–2.0
2.0
%
Variation from nominal VOUT
–3.0
3.0
Variation from nominal VOUT;
–40°C to +125°C
Line Regulation
ΔVOUT/
(VOUT x
ΔVIN)
0.02
0.3
%/V
VIN = VOUT + 1V to 5.5V;
IOUT = 100 µA
0.6
Load Regulation
ΔVOUT/
VOUT
0.5
2.0
%
IOUT = 100 µA to 150 mA
Dropout Voltage (Note 2)
VDO
0.1
mV
IOUT = 100 µA
12
50
IOUT = 50 mA
25
75
IOUT = 100 mA
35
100
IOUT = 150 mA
Ground Current
IGND
150
190
µA
EN = High; IOUT1 = 150 mA,
IOUT2 = 150 mA
Ground Current in Shutdown
ISHDN
0.01
2
µA
EN1 ≤ 0.2V
Ripple Rejection
PSRR
75
dB
f = 1 kHz; COUT = 1.0 µF;
CBYP = 0.1 µF
45
f = 20 kHz; COUT = 1.0 µF;
CBYP = 0.1 µF
Current Limit
ILIM
300
550
950
mA
VOUT = 0V
Output Voltage Noise
eN
30
µVRMS
COUT = 1.0 µF; CBYP = 0.01 µF;
10 Hz to 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com