Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5321 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5321 Datasheet HTML 1Page - Microchip Technology MIC5321 Datasheet HTML 2Page - Microchip Technology MIC5321 Datasheet HTML 3Page - Microchip Technology MIC5321 Datasheet HTML 4Page - Microchip Technology MIC5321 Datasheet HTML 5Page - Microchip Technology MIC5321 Datasheet HTML 6Page - Microchip Technology MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC5321
DS20006678A-page 4
2022 Microchip Technology Inc. and its subsidiaries
Enable Inputs (EN)
Enable Input Voltage
VIL
0.2
V
Logic Low
VIH
1.1
Logic High
Enable Input Current
IIL
0.01
1
µA
VIL ≤ 0.2V
IIH
0.01
1
VIH ≥ 1.0V
Turn-On Time
Turn-On Time
(LDO1 and LDO2)
tON
40
100
µs
COUT = 1.0 µF; No CBYP
45
100
COUT = 1.0 µF; CBYP = 0.01 µF
Note 1: Specification for packaged product only.
2: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its
nominal VOUT. For outputs below 2.3V, the dropout voltage is the input-to-output differential with the mini-
mum input voltage 2.3V.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
–40
+125
°C
Note 1
Lead Temperature
TLEAD
+260
°C
Soldering, 3 sec.
Storage Temperature
TS
–65
+150
°C
Package Thermal Resistances
Thermal Resistance, UDFN/WDFN
6-Ld
JA
100
°C/W —
Thermal Resistance, TSOT-23 6-Ld
JA
235
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = EN = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 =
100 µA; COUT1 = COUT2 = 1 µF; CBYP = 0.01 µF; TJ = 25°C, bold values valid for –40°C ≤ TJ ≤ +125°C, unless noted.
(Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com