Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540RT Datasheet(PDF) 25 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 25 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 21Page - Microchip Technology VSC8540RT Datasheet HTML 22Page - Microchip Technology VSC8540RT Datasheet HTML 23Page - Microchip Technology VSC8540RT Datasheet HTML 24Page - Microchip Technology VSC8540RT Datasheet HTML 25Page - Microchip Technology VSC8540RT Datasheet HTML 26Page - Microchip Technology VSC8540RT Datasheet HTML 27Page - Microchip Technology VSC8540RT Datasheet HTML 28Page - Microchip Technology VSC8540RT Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 25
VSC8540RT
FIGURE 5-10:
INLINE-POWERED ETHERNET SWITCH DIAGRAM
The following procedure describes the steps that an Ethernet switch must perform to process inline-power requests
made by a link partner that is, in turn, capable of receiving inline-power:
1.
Enable the inline-powered device detection mode on each VSC8540RT PHYs using its serial management inter-
face. Set register bit 23E1.10 to 1.
2.
Ensure that the auto-negotiation enable bit (register 0.12) is also set to 1. In the application, the device sends a
special fast link pulse signal to the link partner. Reading register bit 23E1.9:8 returns 00 during the search for
devices that require Power-over-Ethernet (PoE).
3.
The VSC8540RT PHYs monitor their inputs for the fast link pulse signal looped back by the link partner. A link
partner capable of receiving PoE loops back the fast link pulses when the link partner is in a powered down state.
This is reported when register bit 23E1.9:8 reads back 01. It can also be verified as an inline-power detection
interrupt by reading register bit 26.9, which should be a 1, and which is subsequently cleared and the interrupt
de-asserted after the read. When a link partner device does not loop back the fast link pulse after a specific time,
register bit 23E1.9:8 automatically resets to 10.
4.
If the VSC8540RT PHYs report that the link partner requires PoE, the Ethernet switch must enable inline-power
on this port, independent of the PHY.
5.
The PHY automatically disables inline-powered device detection when the register bits 23E1.9:8 automatically
reset to 10, and then automatically changes to its normal auto-negotiation process. A link is then autonegotiated
and established when the link status bit is set (register bit 1.2 is set to 1).
6.
In the event of a link failure (indicated when register bit 1.2 reads 0), it is recommended that the inline-power be
disabled to the inline-powered device independent of the PHY. The VSC8540RT PHY disables its normal auto-
negotiation process and re-enables its inline-powered device detection mode.
5.7
IEEE 802.3af Power-over-Ethernet Support
The VSC8540RT device is compatible with designs intended for use in systems that supply power to data terminal
equipment (DTE) by means of the MDI or twisted pair cable, as described in IEEE 802.3af Clause 33.
SMI
Control
Processor
PHY_port1
MAC
Interface
Inline,
Power-over-Ethernet
(PoE)
Power Supply
Cat5
Fast Ethernet Switch
PHY_port0
PHY_portn
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Link
Partner
Link
Partner
Link
Partner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com