Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540RT Datasheet(PDF) 26 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 26 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 22Page - Microchip Technology VSC8540RT Datasheet HTML 23Page - Microchip Technology VSC8540RT Datasheet HTML 24Page - Microchip Technology VSC8540RT Datasheet HTML 25Page - Microchip Technology VSC8540RT Datasheet HTML 26Page - Microchip Technology VSC8540RT Datasheet HTML 27Page - Microchip Technology VSC8540RT Datasheet HTML 28Page - Microchip Technology VSC8540RT Datasheet HTML 29Page - Microchip Technology VSC8540RT Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
VSC8540RT
DS60001603E-page 26
2022 Microchip Technology Inc. and its subsidiaries
5.8
ActiPHY Power Management
In addition to the IEEE-specified power down control bit (device register bit 0.11), the VSC8540RT device also includes
ActiPHY power management mode for each PHY. This mode enables support for power-sensitive applications. It utilizes
a signal-detect function that monitors the media interface for the presence of a link to determine when to automatically
power down the PHY. The PHY wakes up at a programmable interval and attempts to wake up the link partner PHY by
sending a burst of fast link pulse over copper media.
The ActiPHY power management mode is enabled on a per-port basis during normal operation at any time by setting
register bit 28.6 to 1.
The following operating states are possible when ActiPHY mode is enabled:
• Low power state
• Link partner wake-up state
• Normal operating state (link-up state)
The VSC8540RT device switches between the low power state and link partner wake-up state at a programmable rate
(the default is two seconds) until signal energy has been detected on the media interface pins. When signal energy is
detected, the PHY enters the normal operating state. If the PHY is in its normal operating state and the link fails, the
PHY returns to the low power state after the expiration of the link status time-out timer. After reset, the PHY enters the
low power state.
When auto-negotiation is enabled in the PHY, the ActiPHY state machine operates as described.
When auto-negotiation is disabled and the link is forced to use 10BASE-T or 100BASE-TX modes while the PHY is in
its low power state, the PHY continues to transition between the low power and link partner wake-up states until signal
energy is detected on the media pins. At that time, the PHY transitions to the normal operating state and stays in that
state even when the link is dropped. When auto-negotiation is disabled while the PHY is in the normal operation state,
the PHY stays in that state when the link is dropped and does not transition back to the low power state.
The following illustration shows the relationship between ActiPHY states and timers.
FIGURE 5-11:
ACTIPHY STATE DIAGRAM
5.8.1
LOW POWER STATE
In the low power state, all major digital blocks are powered down. However, the SMI interface (MDC, MDIO, and MDINT)
functionality is provided.
In this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of low power state and
transitions to the normal operating state when signal energy is detected on the media. This happens when the PHY is
connected to an auto-negotiation-capable link partner or another PHY in enhanced ActiPHY link partner wake-up state.
Low Power State
LP Wake-up
State
Normal
Operation State
Signal Energy Detected on
Media
Timeout Timer Expires and
Auto-negotiation Enabled
Sleep Timer Expires
FLP Burst or
Clause 37 Restart
Signal Sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com