Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540XMVRT-MQ Datasheet(PDF) 51 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 51 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 47Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 48Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 49Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 50Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 51Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 52Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 53Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 54Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 51
VSC8540RT
6.3.5
ETHERNET PACKET GENERATOR (EPG) CONTROL 1
The EPG control register provides access to and control of various aspects of the EPG testing feature. There are two
separate EPG control registers. The following table shows the settings available in the first register.
The following information applies to the EPG control number 1:
• Do not run the EPG when the VSC8540RT device is connected to a live network.
• Bit 29E1.13 (continuous EPG mode control): when enabled, this mode causes the device to send continuous
packets. When disabled, the device continues to send packets only until they reache the next 10,000-packet incre-
ment mark. They then ceases to send packets.
• The 6-byte destination address in bits 9:6 is assigned one of 16 addresses in the range of 0xFF FF FF FF FF F0
through 0xFF FF FF FF FF FF.
• The 6-byte source address in bits 5:2 is assigned one of 16 addresses in the range of 0xFF FF FF FF FF F0
through 0xFF FF FF FF FF FF.
• If any of bits 13:0 are changed while the EPG is running (bit 14 is set to 1), bit 14 must be cleared and then set
back to 1 for the change to take effect and to restart the EPG.
6.3.6
ETHERNET PACKET GENERATOR CONTROL 2
Register 30E1 consists of the second set of bits that provide access to and control over the various aspects of the EPG
testing feature. The following table shows the settings available.
Note:
If any of bits 15:0 in this register are changed while the EPG is running (bit 14 of register 29E1 is set to 1),
that bit (29E1.14) must first be cleared and then set back to 1 for the change to take effect and to restart the
EPG.
TABLE 6-33:
EPG CONTROL REGISTER 1, ADDRESS 29E1 (0X1D)
Bit
Name
Access
Description
Default
15
EPG enable1
1. To end forced transmission of EEE LPIs from the PHY, clear the force EEE LPI bit (17E2.4) first before
clearing the EPG enable bit (29E1.15).
R/W
1: Enable EPG.
0
14
EPG run or stop
R/W
1: Run EPG.
0
13
Transmission duration
R/W
1: Continuous (sends in 10,000-packet increments).
0: Send 30,000,000 packets and stop.
0
12:11
Packet length
R/W
00: 125 bytes.
01: 64 bytes.
10: 1518 bytes.
11: 10,000 bytes (jumbo packet).
00
10
Interpacket gap
R/W
1: 8,192 ns.
0: 96 ns.
0
9:6
Destination address
R/W
Lowest nibble of the 6-byte destination address.
0001
5:2
Source address
R/W
Lowest nibble of the 6-byte destination address.
0000
1
Payload type
R/W
1: Randomly generated payload pattern.
0: Fixed based on payload pattern.
0
0
Bad frame check sequence
(FCS) generation
R/W
1: Generate packets with bad FCS.
0: Generate packets with good FCS.
0
TABLE 6-34:
EPG CONTROL REGISTER 2, ADDRESS 30E1 (0X1E)
Bit
Name
Access
Description
Default
15:0 EPG packet payload R/W
Data pattern repeated in the payload of packets gener-
ated by the EPG
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com