Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540XMVRT-MQ Datasheet(PDF) 59 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 59 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 55Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 56Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 57Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 58Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 59Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 60Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 61Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 62Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 59
VSC8540RT
6.5.2
GPIO CONTROL 2
The GPIO control 2 register configures the functionality of the COMA_MODE and LED pins.
6.5.3
FAST LINK CONFIGURATION
Register 19G in the GPIO register space controls the selection of the source PHY for the fast link failure indication. The
following table shows the settings available for the FASTLINK_FAIL pin.
6.5.4
RECOVERED CLOCK CONTROL
Register 23G in the extended register space controls the functionality of the recovered clock output signal.
TABLE 6-50:
GPIO CONTROL 2, ADDRESS 14G (0X0E)
Bit
Name
Access
Description
Default
15:14
Reserved
RO
Reserved.
13
COMA_MODE output enable
(active low)
R/W
1: COMA_MODE pin is an input.
0: COMA_MODE pin is an output.
1
12
COMA_MODE output data
R/W
Value to output on the COMA_MODE pin when it is
configured as an output.
0
11
COMA_MODE input data
RO
Data read from the COMA_MODE pin.
10
Reserved
RO
Reserved.
9
Tri-state enable for LEDs
R/W
1: Tri-state LED output signals instead of driving them
high. This allows the signals to be pulled above
VDDIO using an external pull-up resistor.
0: Drive LED bus output signals to high and low val-
ues.
1
8:0
Reserved
RO
Reserved.
TABLE 6-51:
MAC CONFIGURATION AND FAST LINK REGISTER, ADDRESS 19G (0X13)
Bit
Name
Access
Description
Default
15:4
Reserved
RO
Reserved.
3:0
Fast link failure setting
R/W
0000: Fast link failure pin enabled.
0001–1110: Reserved.
1111: Output disabled.
0000
TABLE 6-52:
RECOVERED CLOCK CONTROL, ADDRESS 23G (0X17)
Bit
Name
Access
Description
Default
15
Enable RCVRD_CLK
R/W
1: Enable recovered clock output.
0: Disable recovered clock output.
0
14:11
Reserved
RO
Reserved.
10:8
Clock frequency
select
R/W
Select output clock frequency.
000: 25 MHz output clock.
001: 125 MHz output clock.
010: 31.25 MHz output clock.
011–111: Reserved.
000
7:6
Reserved
RO
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com