Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-14360 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14360
Description  SparkFun Lumenati 3x3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14360 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14360 Datasheet HTML 1Page - SparkFun Electronics COM-14360 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun Lumenati 3x3
COM-14360 Open Source Hardware
DESCRIPTION
Designed to give your projects an edge in their lighting capacity, the SparkFun Lumenati 3x3 is a
small, rectangular board equipped with nine APA102C LEDs arranged in a 3x3 array. The 3x3 board
can be daisy-chained with other Lumenati boards, allowing for multiple design options and
formations. With the equipped 0.1" spaced pins, this Lumenati can also be installed into a
breadboard for more prototyping applications. Additionally, we have labeled the APA102C LEDs on
each board with numbers indicating their position in the sequence to help you write code more
easily. We especially love using the Lumenati boards to give our flying race drones a bit of style and
panache.
The APA102C addressable LEDs operate on +5V power input, as well as 0–5V logic levels for clock
and data and employ a 2-wire communication protocol consisting of a clock line and a data line.
While this requires one more wire than standard WS2812B LEDs, the advantage is that the
communication with the LEDs becomes somewhat timing-independent, allowing you to run these
directly off of a Raspberry Pi or other single-board computer that doesn’t normally allow for a long,
precisely timed data stream without the use of additional hardware.


Similar Part No. - COM-14360

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
More results

Similar Description - COM-14360

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1820 DAICO-100C1820 Datasheet
30Kb / 1P
(3x3) Switch Matrix
logo
LUMEX INC.
SNR-40147 LUMEX-SNR-40147 Datasheet
109Kb / 1P
COOLED PbS 3x3
logo
List of Unclassifed Man...
KIT-14007 ETC2-KIT-14007 Datasheet
81Kb / 1P
SparkFun PiRetrocade
logo
Infineon Technologies A...
BSZ0910ND INFINEON-BSZ0910ND Datasheet
1Mb / 11P
PowerStage 3x3
Rev.2.0,2017-11-23
logo
SparkFun Electronics
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
COM-14452 SPARKFUN-COM-14452 Datasheet
167Kb / 2P
SparkFun Lumenati 90L
10-17-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com