Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-14360 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # COM-14360
Description  SparkFun Lumenati 3x3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14360 Datasheet(HTML) 2 Page - SparkFun Electronics

  COM-14360 Datasheet HTML 1Page - SparkFun Electronics COM-14360 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
Dimensions: 34.7mm x 23.3mm x 3.2mm (1.4" x 0.9" x 0.12")
Weight: 3.35g
Notice. This product requires other products in order to function properly.
See essential products.
Essentials
SparkFun SAMD21 Mini Breakout                                                  DEV-13664
SparkFun Logic Level Converter ‐ Bi‐Directional                          BOB-12009
Wall Adapter Power Supply ‐ 5.1V DC 2.5A (USB Micro‐B)        TOL-13831
Soldering Iron ‐ 30W (EU, 230VAC)                                                 TOL-11650 
https://www.sparkfun.com/products/14360 10-17-17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com