Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV8610 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OV8610
Description  Advanced Information Preliminary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV8610 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OV8610 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Advanced Information
Preliminary
OV8610/OV8110
OV8610 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV8110 SINGLE-CHIP CMOS VGA B&W DIGITAL CAMERA
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94085 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
Version 1.3, August 27, 2001
Page 13
Y[7:0]
PCLK
HREF
UV[7:0]
Y[7:0]
PCLK
HREF
P ixel D ata 16-b it T im in g
(P C L K rising edge latches data bus)
10
Y
Y
10
80
U
V
80
T
CLK
T
SU
T
HD
R epeat for all data bytes
Pixel Data 8-bit T im ing
(P C L K rising edge latches data bus)
U
Y
80
10
10
80
V
Y
10
T
CLK
T
SU
T
HD
R epeat for all data bytes
Note:
T
CL K
is pixel clock period.. T
CLK
=50ns for 16-bit output and T
CL K
=25ns for 8-bit output if the system clock
is 20M Hz with on chip 2X PLL . T
SU
is the setup time of HREF. The maximum is 15ns. T
HD
is the hold time of
HREF. The maxim um is 15ns.
Figure 6. Pixel Data Bus (YUV Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com