Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV8610 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # OV8610
Description  Advanced Information Preliminary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV8610 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button OV8610 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV8610 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
OV8610/OV8110
SINGLE IC CMOS VGA DIGITAL CAMERAS
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94085 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
Version 1.3, August 27, 2001
Page 27
30
19
6
43
48
+0.010
0.060 -0.005
0.085 ±0.010
0.020 ±0.002
0.030
±0.002
0.065 ±0.007
Bottom View
Top View
Side View
18
7
31
42
0.440 ±0.005
R 0.0075
48 PLCS
R 0.0075
4 CORNERS
0.020 ±0.008
TYP
0.040 ±0.007
TYP
0.040 ±0.003
43
619
30
48
42
31
0.350 SQ ±0.005
0.430 SQ ±0.005
+0.012
0.560 SQ -0.005
0.003
0.003
0.002
718
43
1
6
7
18
19
30
31
42
0.002 TYP
0.006 MAX
Figure 9. OV8610/OV8110 Package Diagram
Note:
Die thickness=0.0275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com