Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM09121 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAM09121
Description  UHF High Power Amplifier (Driver)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAM09121 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAM09121 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AMP
D AICO Industr ies
15
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
CAM09121
FEATURES
• 430 -470 MHz
• Power Out +57.8 dBm
• Gain 55 dB
• Efficiently 62% at 40V
• Duty Cycle 15%
UHF High Power Amplifier (Driver)


Similar Part No. - CAM09121

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CAM-2MX FOTEK-CAM-2MX Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MX-V FOTEK-CAM-2MX-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB FOTEK-CAM-2MXB Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB-V FOTEK-CAM-2MXB-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
logo
STMicroelectronics
CAM-55G0 STMICROELECTRONICS-CAM-55G0 Datasheet
1Mb / 5P
VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
17-May-2024
More results

Similar Description - CAM09121

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7170AC MITSUBISHI-MGF7170AC Datasheet
316Kb / 16P
UHF BAND GaAs POWER AMPLIFIER
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
logo
DAICO Industries, Inc.
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
UHF High Power Amplifier
logo
List of Unclassifed Man...
BGY91A ETC-BGY91A Datasheet
126Kb / 3P
UHF Power Amplifier module
logo
American Microsemicondu...
2N5481 AMMSEMI-2N5481 Datasheet
1Mb / 1P
NPN UHF POWER Amplifier Transistor
logo
Toshiba Semiconductor
2SC1001 TOSHIBA-2SC1001 Datasheet
58Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1165 TOSHIBA-2SC1165 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2106 TOSHIBA-2SC2106 Datasheet
60Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2379 TOSHIBA-2SC2379 Datasheet
59Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com