Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8530DUG/DA Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 76Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 77Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 78Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 79Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 80Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 81Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 82Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 83Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
80 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
15.2 Cascaded operation
In large display configurations, up to four PCA8530 can be distinguished on the same bus
by using the 2-bit hardware device addresses (A0 and A1).
15.2.1 Wiring backplane and segment outputs
When the cascaded PCA8530 are synchronized, they can share the backplane signals
from one of the devices in the cascade. Such an arrangement is cost-effective in large
LCD applications since the backplane outputs of only one device need to be
through-plated to the backplane electrodes of the display. The other PCA8530 of the
cascade contribute additional segment outputs. The backplanes can either be connected
together to enhance the drive capability or some can be left open-circuit (such as the ones
from the slave in Figure 56 and Figure 57) or just some of the master and some of the
slave will be taken to facilitate the layout of the display.
Table 52.
Addressing cascaded PCA8530
Pin A1
Pin A0
Device
0
0
0 (master)
01
1 (slave)
10
2 (slave)
11
3 (slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com