Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8530DUG/DA Datasheet(PDF) 92 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 88Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 89Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 90Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 91Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 92Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 93Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 94Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 95Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
92 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Table 57.
Description of tray details
Tray details are shown in Figure 61.
Tray details
Dimensions
A
B
CDE
F
G
HJ
K
L
M
NO
Unit
8
2.5
5.978
1.298
76
68
56
6.75
10
62.5
4.2
2.6
3.2
0.6
mm
Number of pockets
x direction
y direction
826
The orientation of the IC in a pocket with active side up is indicated by the position of pin 1 with
respect to the chamfer on the upper left corner of the tray.
Fig 62. Die alignment in the tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com