Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113DU Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2113DU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2113DU Datasheet HTML 32Page - NXP Semiconductors PCF2113DU Datasheet HTML 33Page - NXP Semiconductors PCF2113DU Datasheet HTML 34Page - NXP Semiconductors PCF2113DU Datasheet HTML 35Page - NXP Semiconductors PCF2113DU Datasheet HTML 36Page - NXP Semiconductors PCF2113DU Datasheet HTML 37Page - NXP Semiconductors PCF2113DU Datasheet HTML 38Page - NXP Semiconductors PCF2113DU Datasheet HTML 39Page - NXP Semiconductors PCF2113DU Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
36 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
The VLCD pins (VLCDOUT, VLCDSENSE, VLCDIN) can be connected, whether VLCD is
generated internally or supplied from external. An external capacitor of 300 nF minimum is
recommended for VLCD. For high display loads, 1 F is suggested.
VDD1 and VDD2 from 2.5 V to 5.5 V. Values for tr and Cb, see Table 52.
VDD1 and VDD2 can be connected to the same power supply.
VSS1 to VSS3 can be connected to the same ground supply.
Fig 16. Typical system configuration if using the internal VLCD generation and I2C-bus
VDD1 and VDD2 from 2.5 V to 5.5 V.
Fig 17. Typical system configuration if using the external VLCD and SPI-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com