Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113DU Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2113DU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2113DU Datasheet HTML 1Page - NXP Semiconductors PCF2113DU Datasheet HTML 2Page - NXP Semiconductors PCF2113DU Datasheet HTML 3Page - NXP Semiconductors PCF2113DU Datasheet HTML 4Page - NXP Semiconductors PCF2113DU Datasheet HTML 5Page - NXP Semiconductors PCF2113DU Datasheet HTML 6Page - NXP Semiconductors PCF2113DU Datasheet HTML 7Page - NXP Semiconductors PCF2113DU Datasheet HTML 8Page - NXP Semiconductors PCF2113DU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
1.
General description
The PCA2117 is a low-power Liquid Crystal Display (LCD)1 controller and driver. It is
specifically designed to drive LCD dot-matrix displays of 2-lines by 20 characters or 1-line
by 40 characters with 5
 8 dot format. In addition 200 icons can be displayed. The chip
contains a character generator and displays alphanumeric characters. The PCA2117
features an internal charge pump with internal capacitors for on-chip generation of the
LCD driving voltage. To ensure an optimal and stable contrast over the full temperature
range, the PCA2117 offers a programmable temperature compensation of the LCD supply
voltage. The PCA2117 can be easily connected to a microcontroller by either the two-line
I2C-bus or a four-line bidirectional SPI-bus.
Various character sets can be manufactured on request. In addition up to 48 user-defined
symbols (5
 8 dot format) can be stored in three selectable RAM columns with 16
characters each.
For a selection of NXP LCD character drivers, see Table 58 on page 97.
2.
Features and benefits
AEC Q100 grade 2 compliant for automotive applications
Single-chip LCD controller and driver
Extended operating temperature range from
40 C to +105 C
2-line display of up to 20 characters plus 200 icons or 1-line display of up to 40
characters plus 200 icons
5
 7 character format plus cursor and user-defined symbols
Icon blink function
On-chip:
Programmable 4, 3, or 2 times voltage multiplier generating LCD supply voltage
(external supply also possible)
Integrated temperature sensor with temperature readout
Selectable linear temperature compensation of on-chip generated VLCD
Generation of intermediate LCD bias voltages
Oscillator requires no external components (external clock also possible)
Readout of RAM, CGROM, and all registers possible
Diagnostic features:
Checksum on I2C and SPI bus
Frame frequency: programmable from 45 Hz to 360 Hz
Display Data RAM (DDRAM): 80 characters
PCA2117
Automotive LCD driver for character displays
Rev. 4 — 8 April 2015
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20.


Similar Part No. - PCF2113DU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2113DU PHILIPS-PCF2113DU Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
PCF2113DU/2/F4 NXP-PCF2113DU/2/F4 Datasheet
404Kb / 65P
LCD controllers/drivers
Rev. 04-4 March 2008
PCF2113DU/F4 NXP-PCF2113DU/F4 Datasheet
404Kb / 65P
LCD controllers/drivers
Rev. 04-4 March 2008
PCF2113DU10 PHILIPS-PCF2113DU10 Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
PCF2113DU2 PHILIPS-PCF2113DU2 Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
More results

Similar Description - PCF2113DU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
LCD DRIVER with CHARACTER GENERATOR
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Allegro MicroSystems
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
Multiple-Output Regulator for Automotive LCD Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com