Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113EU Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 22Page - NXP Semiconductors PCF2113EU Datasheet HTML 23Page - NXP Semiconductors PCF2113EU Datasheet HTML 24Page - NXP Semiconductors PCF2113EU Datasheet HTML 25Page - NXP Semiconductors PCF2113EU Datasheet HTML 26Page - NXP Semiconductors PCF2113EU Datasheet HTML 27Page - NXP Semiconductors PCF2113EU Datasheet HTML 28Page - NXP Semiconductors PCF2113EU Datasheet HTML 29Page - NXP Semiconductors PCF2113EU Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
26 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
Default value.
[2]
The unfiltered digital value of TD[7:0] is immediately available for the readout and VLCD compensation.
8.1.4.2
Command: TC_slope
The TC_slope command allows setting the temperature coefficients of VLCD
corresponding to 4 temperature intervals.
[1]
Default value.
[2]
See Table 35 on page 43.
Table 32.
Temperature_ctrl - temperature measurement control command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
11
fixed value
7 to 3
-
00000
fixed value
2TCE
temperature compensation setting
0[1]
temperature compensation of VLCD disabled
1
temperature compensation of VLCD enabled
1TMF
temperature measurement filter setting
0[1]
digital temperature filter disabled[2]
1
digital temperature filter enabled
0TME
temperature measurement setting
0[1]
temperature measurement disabled;
no temperature readout possible
1
temperature measurement enabled;
temperature readout possible
Table 33.
TC_slope - VLCD temperature compensation slope command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
11
fixed value
TC-slope-A
7 to 3
-
00001
fixed value
2 to 0
TSA[2:0]
000[1] to 111
temperature factor A setting[2]
TC-slope-B
7 to 3
-
00010
fixed value
2 to 0
TSB[2:0]
000[1] to 111
temperature factor B setting[2]
TC-slope-C
7 to 3
-
00011
fixed value
2 to 0
TSC[2:0]
000[1] to 111
temperature factor C setting[2]
TC-slope-D
7 to 3
-
00100
fixed value
2 to 0
TSD[2:0]
000[1] to 111
temperature factor D setting[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com