Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113EU Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 61Page - NXP Semiconductors PCF2113EU Datasheet HTML 62Page - NXP Semiconductors PCF2113EU Datasheet HTML 63Page - NXP Semiconductors PCF2113EU Datasheet HTML 64Page - NXP Semiconductors PCF2113EU Datasheet HTML 65Page - NXP Semiconductors PCF2113EU Datasheet HTML 66Page - NXP Semiconductors PCF2113EU Datasheet HTML 67Page - NXP Semiconductors PCF2113EU Datasheet HTML 68Page - NXP Semiconductors PCF2113EU Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
65 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
consequence it may be possible that the acknowledge cycle, generated by the LCD driver,
cannot be interpreted as logic 0 by the master. Therefore it is an advantage for COG
applications to have the acknowledge output separated from the data line. For that
reason, the SDA line of the PCA2117 is split into SDAIN and SDAOUT.
In COG applications where the acknowledge cycle is required, it is necessary to minimize
the track resistance from the SDAOUT pin to the system SDAIN line to guarantee a valid
LOW level.
By splitting the SDA line into SDAIN and SDAOUT (having the SDAOUT open circuit), the
device could be used in a mode that ignores the acknowledge cycle. Separating the
acknowledge output from the serial data line can avoid design efforts to generate a valid
acknowledge level. However, in that case the I2C-bus master has to be set up in such a
way that it ignores the acknowledge cycle.2
By connecting pin SDAOUT to pin SDAIN the SDAIN line becomes fully I2C-bus
compatible (see Figure 45). The following definition assumes that SDAIN and SDAOUT
are connected and refers to the pair as SDA.
9.2.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
are interpreted as a control signal (see Figure 46).
9.2.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy.
A HIGH-to-LOW change of the data line, while the clock is HIGH is defined as the START
condition (S).
2.
For further information, consider the NXP application note: Ref. 1 “AN10170”.
Fig 45. SDAOUT and SDAIN configuration
Fig 46. Bit transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com