Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2116CU Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2116CU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2116CU Datasheet HTML 16Page - NXP Semiconductors PCF2116CU Datasheet HTML 17Page - NXP Semiconductors PCF2116CU Datasheet HTML 18Page - NXP Semiconductors PCF2116CU Datasheet HTML 19Page - NXP Semiconductors PCF2116CU Datasheet HTML 20Page - NXP Semiconductors PCF2116CU Datasheet HTML 21Page - NXP Semiconductors PCF2116CU Datasheet HTML 22Page - NXP Semiconductors PCF2116CU Datasheet HTML 23Page - NXP Semiconductors PCF2116CU Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
20 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
Default value.
8.1.2.7
Command: Display_control
With the Display_control command the entire display, the cursor, and the cursor blinking
can be switched on or off.
[1]
Default value
Bit D: The display is on when bit D = 1 and off when bit D = 0. Display data in the DDRAM
is not affected and can be displayed immediately by setting bit D = 1.
Bit C: The cursor is displayed when bit C = 1 and inhibited when bit C = 0. The cursor is
displayed using 5 dots in the eighth line.
Bit B: The character, indicated by the cursor, blinks when bit B = 1. The character blink is
displayed by switching between display characters and all dots on with a period of
1 second.
10011
240
192000
33 : 67
10100
290
230400
20 : 80
10101 to
11111
360
288000
50 : 50
Table 24.
Clock and frame frequency values …continued
Duty cycle definition: % HIGH-level time : % LOW-level time.
FF[4:0]
Frame frequency (Hz)
Clock frequency (Hz)
Typical duty cycle (%)
Table 25.
Display_control - Display control bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 3
-
00100
fixed value
2D
display setting
0[1]
display is off
1
display is on
1C
cursor setting
0[1]
cursor is off
1cursor is on
0B
character blink setting
0[1]
character blink is off
1
character blink is on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com