Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2116CU Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF2116CU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF2116CU Datasheet HTML 24Page - NXP Semiconductors PCF2116CU Datasheet HTML 25Page - NXP Semiconductors PCF2116CU Datasheet HTML 26Page - NXP Semiconductors PCF2116CU Datasheet HTML 27Page - NXP Semiconductors PCF2116CU Datasheet HTML 28Page - NXP Semiconductors PCF2116CU Datasheet HTML 29Page - NXP Semiconductors PCF2116CU Datasheet HTML 30Page - NXP Semiconductors PCF2116CU Datasheet HTML 31Page - NXP Semiconductors PCF2116CU Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
28 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
Remarks:
1. Do not transfer data for at least 1 ms after a power-on.
2. After power-on and before enabling the display, the DDRAM content must be brought
to a defined status
– by sending the Clear_display command
– or by writing meaningful display content by loading a character code
otherwise unwanted display artifacts can appear on the display.
Table 34.
Reset state of PCA2117
Command name
Bits
7
6
5
4
3
2
1
0
General control commands
Clock_out_ctrl
00100000
Read_reg_select
00000100
RAM_ROM_config
00001000
Sel_mem_bank
00010000
Set_mem_addr
10000000
Display control commands
Entry_mode_set
00101010
Function_set
00110000
Inversion_mode
01000000
Frame_frequency
10000111
Display_control
00100000
Cursor_display_shift
00010000
Screen_config
00000010
Display_config
00000100
Icon_config
00001000
Charge pump and LCD bias control commands
Charge_pump_ctrl
10000000
Set_VLCD_A
10100000
10010000
Set_VLCD_B
11000000
11100000
Temperature compensation control commands
Temperature_ctrl
00000000
TC_slope
00001000
00010000
00011000
00100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com