Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545ATT Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 47Page - NXP Semiconductors PCF8545ATT Datasheet HTML 48Page - NXP Semiconductors PCF8545ATT Datasheet HTML 49Page - NXP Semiconductors PCF8545ATT Datasheet HTML 50Page - NXP Semiconductors PCF8545ATT Datasheet HTML 51Page - NXP Semiconductors PCF8545ATT Datasheet HTML 52Page - NXP Semiconductors PCF8545ATT Datasheet HTML 53Page - NXP Semiconductors PCF8545ATT Datasheet HTML 54Page - NXP Semiconductors PCF8545ATT Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
51 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.14 Display RAM
The display RAM is a static 102
 4-bit RAM which stores LCD data. Logic 1 in the RAM
bit map indicates the on-state, logic 0 the off-state of the corresponding LCD element.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD segments/elements
• the RAM columns and the segment outputs
• the RAM rows and the backplane outputs.
The display RAM bit map, Figure 29 on page 53, shows row 0 to row 3 which correspond
with the backplane outputs COM0 to COM3, and column 0 to column 101 which
correspond with the segment outputs S0 to S101. In multiplexed LCD applications, the
data of each row of the display RAM is time-multiplexed with the corresponding backplane
(row 0 with COM0, row 1 with COM1, and so on).
When display data is transmitted to the PCA8530, the display bytes received are stored in
the display RAM in accordance with the selected LCD multiplex drive mode. The data is
stored as it arrives and does not wait for the acknowledge cycle as with the commands.
Depending on the current multiplex drive mode, data is stored singularly, in pairs, or
quadruples.
8.14.1 Data pointer
The addressing mechanism for the display RAM is realized using a data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the Data-pointer-init command followed by setting the data pointer with the
Data-pointer-MSB and Data-pointer-LSB commands. Then the display RAM content can
be written. An arriving data byte is stored starting at the display RAM address indicated by
the data pointer.
The data pointer is automatically incremented in accordance with the chosen LCD
multiplex drive mode configuration. After each byte is stored, the content of the data
pointer is incremented
• by eight (static drive mode)
• by four (1:2 multiplex drive mode)
• by two (1:4 multiplex drive mode)
When the address counter reaches the end of the RAM, it stops incrementing after the last
byte is transmitted. Redundant bits of the last byte and subsequent bytes transmitted are
discarded. To send new RAM data, the data pointer must be reset.
If a data access with the I2C- or SPI-bus is terminated early, then the state of the data
pointer is unknown. The data pointer must then be rewritten before further RAM accesses.
8.14.1.1
Data pointer in cascade configuration
In cascaded applications each PCA8530 in the cascade must be addressed separately.
Initially, the first PCA8530 is selected by sending the Device-address command matching
the first hardware address. Then the data pointer is set to the preferred display RAM
address with the Data-pointer commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com