Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545ATT Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 62Page - NXP Semiconductors PCF8545ATT Datasheet HTML 63Page - NXP Semiconductors PCF8545ATT Datasheet HTML 64Page - NXP Semiconductors PCF8545ATT Datasheet HTML 65Page - NXP Semiconductors PCF8545ATT Datasheet HTML 66Page - NXP Semiconductors PCF8545ATT Datasheet HTML 67Page - NXP Semiconductors PCF8545ATT Datasheet HTML 68Page - NXP Semiconductors PCF8545ATT Datasheet HTML 69Page - NXP Semiconductors PCF8545ATT Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
66 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
13. Static characteristics
Table 48.
Static characteristics
VDD1, VDD2, VDD3 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 12.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD1
supply voltage 1
2.5
-
5.5
V
VDD2
supply voltage 2
2.5
-
5.5
V
VDD3
supply voltage 3
2.5
-
5.5
V
VLCD
LCD supply voltage
VLCD  VDD2
external supply, input on
pin VLCDIN
4.0
-
12.0
V
internal supply, output on
pin VLCDOUT
4.0
-
12.0
V
IDD1
supply current 1
on pin VDD1
default condition after
power-on and Initialize
command, see Figure 44
-40[1]
58[2]
A
display enabled;
internal clock
-45[1]
-
A
IDD2
supply current 2
on pin VDD2
default condition after
power-on and Initialize
command
-0
-
A
VDD2 =5V;
charge pump at
VLCD =2  VDD2;
VLCD =8V;
CVLCD = 100 nF;
display disabled;
see Figure 45
-25
-
A
IDD3
supply current 3
on pin VDD3
default condition after
power-on and Initialize
command, see Figure 46
-40[3]
58[4]
A
display enabled;
internal clock
-90[3]
-
A
IDD(LCD)
LCD supply current
on pin VLCDIN;
external VLCD =8 V
display disabled, see
Figure 47
-6.5
10
A
MUX 1:4;
1⁄3 bias;
ffr = 80 Hz;
RAM entirely filled with 1;
frame inversion mode;
display enabled;
no display attached
-85
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com