Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE92104 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE92104
Description  TLE92104 APPKIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE92104 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE92104 Datasheet HTML 1Page - Infineon Technologies AG TLE92104 Datasheet HTML 2Page - Infineon Technologies AG TLE92104 Datasheet HTML 3Page - Infineon Technologies AG TLE92104 Datasheet HTML 4Page - Infineon Technologies AG TLE92104 Datasheet HTML 5Page - Infineon Technologies AG TLE92104 Datasheet HTML 6Page - Infineon Technologies AG TLE92104 Datasheet HTML 7Page - Infineon Technologies AG TLE92104 Datasheet HTML 8Page - Infineon Technologies AG TLE92104 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TLE92104 APPKIT
1 Concept
1
Concept
Figure 1
Block diagram
The TLE92104 APPKIT board provides a simple, easy-to-use tool to get familiar with Infineon's Multi MOSFET
Driver TLE92104-232QX (TLE92104).
It contains the TLE92104 and a typical application circuit including 4 MOSFET half-bridges to drive up to
4 DC motors. The board is ready to be connected to a vehicle level power supply and is controlled over SPI.
All pins relevant to control the device can be accessed via the dedicated 8 × 2 header using the
uIO-stick by
hitex EMBEDDED TOOLS & SOLUTIONS (http://www.hitex.com/uIO).
The board is powered by the power connector and provides an active on-board reverse-polarity protection for
fastest response time in case of reverse polarity with minimal power-loss during normal operation.
The board allows control of Phase 1-4 which can be used to control up to 4 motors independently that can be
connected to OUT1-4 with the 2 screw terminal block motor connectors.
2 high-side shunts provide load current measurement and monitoring.
User Manual
4
v1.0
2020-12-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com