Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAML6278 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAML6278
Description  Broadband LNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAML6278 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAML6278 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+15V
RF IN
RF OUT
2.1
1.9
1.7
1.5
1.3
1.1
Broadband LNA
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
6
12
GHz
DC Current
100
mA
At +15 VDC Supply
Gain
18.5
19.5
dB
Isolation (S12)
30
33
dB
Noise Figure
1.9
2.1
dB
VSWR In /Out
1.5/1
1.8/1
Impedance
50
Ohms
Intercept Points
2nd
31
dBm
3rd
21
dBm
RF Power
Output
+11
+13
dBm
1dB Compression
Input
+20
dBm
Operating Temperature
-40
+25
+85
°CTA
GUARANTEED PERFORMANCE
Rev. N/D / Iss. 2
Removable SMA Connectors
1.31
2X 1.062
2X .13
2X .20
2X .250
2X .32
3X .19
.30
2X .38
.66
PART IDENTIFICATION
CONNECTOR,
SMA FEMALE
2 PLACES
.10
TERMINAL, SOLDER
.093 DIA THRU
MOUNTING HOLE
4 PLACES
.65
RF IN
RF OUT
+15V
.xx = .02
.xxx = .010


Similar Part No. - DAML6278

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
More results

Similar Description - DAML6278

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD Datasheet
1Mb / 14P
ESD-Robust and Easy-To-Use Broadband LNA MMIC
Rev. 1.0, April 2009
logo
Guerrilla RF, Inc.
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4014-W GUERRILLA-GRF4014-W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
GRF2114 GUERRILLA-GRF2114 Datasheet
964Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz
04/13/20
GRF2505 GUERRILLA-GRF2505 Datasheet
987Kb / 10P
Broadband LNA/Linear Driver 3.0 to 6.0 GHz
05/31/2019
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4014 GUERRILLA-GRF4014 Datasheet
1Mb / 17P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com