Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR3045PT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR3045PT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR3045PT Datasheet HTML 1Page - Vishay Siliconix MBR3045PT Datasheet HTML 2Page - Vishay Siliconix MBR3045PT Datasheet HTML 3Page - Vishay Siliconix MBR3045PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR3035PT, MBR3045PT, MBR3050PT, MBR3060PT
www.vishay.com
Vishay General Semiconductor
Revision: 27-May-2020
2
Document Number: 88676
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MBR3035PT MBR3045PT MBR3050PT MBR3060PT UNIT
Maximum instantaneous forward
voltage per diode
VF (1)
IF = 20 A
TC = 25 °C
-
0.75
V
IF = 20 A
TC = 125 °C
0.60
0.65
IF = 30 A
TC = 25 °C
0.76
-
IF = 30 A
TC = 125 °C
0.72
-
Maximum instantaneous reverse
current at rated DC blocking
voltage per diode
IR (1)
TJ = 25 °C
1.0
5.0
mA
TJ = 125 °C
60
100
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR3035PT MBR3045PT MBR3050PT MBR3060PT UNIT
Typical thermal resistance, junction to case per diode
RJC
1.4
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-247AD
MBR3045PT-E3/45
6.13
45
30/tube
Tube
0
6
12
24
30
0
50
100
150
18
MBR3035PT, MBR3045PT
MBR3050PT, MBR3060PT
Resistive or Inductive Load
Case Temperature (°C)
0
50
150
100
250
200
300
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com