Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR3045PT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR3045PT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR3045PT Datasheet HTML 1Page - Vishay Siliconix MBR3045PT Datasheet HTML 2Page - Vishay Siliconix MBR3045PT Datasheet HTML 3Page - Vishay Siliconix MBR3045PT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR3035PT, MBR3045PT, MBR3050PT, MBR3060PT
www.vishay.com
Vishay General Semiconductor
Revision: 27-May-2020
3
Document Number: 88676
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
100
10
1
0.1
0.01
0
0.2
0.1
0.5
1.0
0.4
0.3
0.6
0.7
0.8
0.9
T
J = 150 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
MBR3035PT, MBR3045PT
MBR3050PT, MBR3060PT
1
10
100
0.01
0.001
0.1
20
0
100
40
60
80
T
J = 25 °C
T
J = 75 °C
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
MBR3035PT, MBR3045PT
MBR3050PT, MBR3060PT
10
1
100
1000
10 000
100
0.1
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
MBR3035PT, MBR3045PT
MBR3050PT, MBR3060PT
0.01
10
1
100
10
100
0.1
0.1
1
t - Pulse Duration (s)
PIN 1
PIN 3
CASE
PIN 2
TO-3P (TO-247AD)
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 (1.98) REF.
0.203 (5.16)
0.193 (4.90)
10° TYP.
Both Sides
30°
10
1° REF.
Both Sides
0.030 (0.76)
0.020 (0.51)
0.118 (3.0)
0.108 (2.7)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com