Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS25A219D Datasheet(PDF) 11 Page - Analog Technologies, Inc.

Part # ATLS25A219D
Description  32V 25A Constant Current Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219D Datasheet(HTML) 11 Page - Analog Technologies, Inc.

Back Button ATLS25A219D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 14Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 15Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
11
Analog Technologies
ATLS25A219D
32V 25A Constant Current Laser Driver
Driver Power Consumption
The best way for arranging the heat sinking for the driver is
as follows: transferring the heat by sandwiching a piece of
thermal conductive pad between the top metal surface of the
laser driver and the internal metal surface of the final
product as shown in Figure 13.1 and 13.2 below. The
recommended thickness of the thermal conductive pad in
Figure 13.1 is 1~4mm, and in Figure 13.2 is 0.5mm. ATI
also provides a series of thermal conductive pads, click here
for more information.
Figure 10. VLDA vs. Output Current Noise@0.1Hz~10Hz
Figure 11. IOUT vs. Output Current Noise@0.1Hz~10Hz
50
100
150
200
250
300
350
400
5
10
152025
IOUT=13A
IOUT=8A
IOUT=4A
VLDA (V)
VVPS=25V
100
150
200
250
300
350
400
450
4
6
8
10
12
14
VLDA=21V
VLDA=15V
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com