Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS25A219D Datasheet(PDF) 15 Page - Analog Technologies, Inc.

Part # ATLS25A219D
Description  32V 25A Constant Current Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219D Datasheet(HTML) 15 Page - Analog Technologies, Inc.

Back Button ATLS25A219D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 14Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 15Page - Analog Technologies, Inc. ATLS25A219D Datasheet HTML 16Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
15
Analog Technologies
ATLS25A219D
32V 25A Constant Current Laser Driver
OUTLINE DIMENSIONS
The driver comes in 1 package: through hole mount, or so-called DIP (Dual Inline Package) or D (short for DIP) package.
Dimensions of the DIP package driver are shown in Figure 19.
Figure 19. Dimensions of the DIP Package Driver
Figure 20. End View of the PCB Foot-print
Figure 20 shows the foot-print which is seen from the end
side of the PCB.
“Tent” all the vias under the driver, i.e. cover the entire
via by the solder mask layer, otherwise the vias can be
shorted by the bottom plate of the driver which is
internally connected the ground.
See Figures 19, it is recommended to use large copper fills
for VPS, PGLDC, and the LDA pins, and other pins if
possible, to decrease the thermal resistance between the
module and the supporting PCB, to lower the module
temperature.
It is highly recommended to lower solder iron
temperature to 310°C (590°F) and solder the driver
manually, so that the internal contents of the driver would
not be affected.
After the soldering, it is also safe to check the laser driver’s
functionality by using the “dummy laser” before connecting
a real laser diode as mentioned previously on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com