Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS4A217D Datasheet(PDF) 6 Page - Analog Technologies, Inc.

Part # ATLS4A217D
Description  High Voltage Constant Current 4A Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS4A217D Datasheet(HTML) 6 Page - Analog Technologies, Inc.

Back Button ATLS4A217D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 10Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
6
Analog Technologies
ATLS4A217
High Voltage Constant Current 4A Laser Driver
Figure 6.
Both LISH and LISL pin set the output current without any
offset voltage. The relationship between the voltage and the
output current is:
IOUT (A) = VLISH (V)/2.5 (V)×4 (A), or
IOUT (A) = VLISL (V)/2.5 (V)×4 (A);
VLISH (V) = IOUT (A)/4 (A)×2.5 (V), or
VLISL (V) = IOUT (A)/4 (A)×2.5 (V),
Where IOUT is the output current of the laser driver, VLISH or
VLISL represents the voltage on the LISH or LISL pin
respectively, in volt.
The LIO port, pin 10, outputs an analog voltage that is
proportional to the actual output current. When the output
current is 0A, the LIO voltage is 0.1V; when output current is
4A, the LIO voltage is 2.5V. The relationship is:
VLIO (V) = IOUT (A)/4 (A)×2.5 (V);
IOUT (A) = VLISL (V) /2.5 (V)×4 (A);
VLIO is the voltage on the LIO pin.
The waveform of LIO vs. LISH, LISL and PCN is shown in
Figure 8.
The output stage is designed to achieve low noise, high
efficiency, and relatively high modulation speed. It has an over
current protection circuit. There is a soft start circuit which
increases the output current slowly at the start up time and shuts
down the current quickly.
The LPGD pin indicates the control loop status. When this pin
goes high, >2V, the control loop is working properly, i.e., the
output current equals to the desired value, VLISH or VLISL = VLIO;
when this pin goes low, <0.3V, the laser driver is not working
properly, there might be a short or open circuit at the output, or
the laser driver is protected by the over temperature protection
circuit.
Figure 5. Controller Internal Temperature vs. TMPO Voltage
–20 –10
0
10
20
30
40
50
60
70
80
90
100
110
120 130
140
150
0.4
0.8
1.2
1.6
2.0
2.4
Voltage (V)
Temperature (°C)
A Linearized TMPO Voltage vs. Controller Temperature
Actual TMPO Voltage vs. Controller Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com