Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS4A217D Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS4A217D
Description  High Voltage Constant Current 4A Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS4A217D Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS4A217D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS4A217
High Voltage Constant Current 4A Laser Driver
5
PCN
Digital Input
Pulse Control input. This pin toggles the laser output current to change between the pre-set
two values: a low value set by the LISL pin @ VPCN = 0V
∼ 0.4Vand a high value set by the
LISH pin @ VPCN = 1.4V
∼ 4.5V. This PCN pin is pulled high to an internal 4.5V rail by a
1M
Ω resistor and there is a serial 20kΩ resistor between PCN and the electronic switch, see
Figure 3. Between 0V
∼ 4.5V, the pull up resistor causes most of the current on this pin, the
electronic switch input current is < ±1µA. The maximum voltage on this pin is 15V, at which
the pull down current will be caused by the serial 20k
Ω clamped by an over voltage protector
of 5V, the current will be (15V
−5V)/20kΩ = 500µA.
The rise and fall time of the output is 28µS when PCN pin is switched.
6
GND
Signal Ground
Signal Ground pin. Connect ADC and DAC grounds to here. When using POTs
(potentiometer) to set the output currents, connect the ground terminal of the POTs to here.
7
2.5VR
Analog Output
Voltage Reference 2.5V output. It can source and sink up to 10mA output current, with a
very low 5
μVP-P noise between 0.1 to 10Hz and < 6ppm/°C stability. Under Standby Mode,
this pin is still working.
8
LISL
Analog Input
Laser current low value setting voltage. There is a10M
Ω input resistor tied to GND. Setting
it from 0V to 2.5V will set the laser lower current from 0 to 4A linearly. The current set by
this pin can be higher than the current set by the LISH port on pin 7, the reason calling it
"low" is because when PCN, pin 3, is low, the laser driver will output the current set by this
pin. The input bias current of this pin is < 0.1
μA, in addition to the 10MΩ resistor tied to
GND. The maximum input voltage on this pin is 4.5V. It is recommended to use the 2.5VR
port, pin 5, as the voltage source for setting the output current.
9
LISH
Analog Input
Laser current high value setting voltage. For this pin, everything is the same as above except
that this pin sets the output current when PCN, pin 3 is high.
10
LIO
Analog Output
Laser Current Output indication. 0V to 2.5V indicates the laser current being from 0 to 4A
linearly.
11
LDA
Analog Output
Laser Diode Anode. Connect it to the laser diode anode terminal. The maximum current of
this pin can go up to 4A. When doing layout, do not use a thin and long PCB track, otherwise,
the inductance might be too high and oscillation may occur.
12
LDA
Analog Output
The same as Pin 11.
13
LDC
Analog Output
Laser Diode Cathode. Connect it to the laser diode cathode terminal. The current on this pin
can go up to 4A. Use thick and short PCB track for this pin to minimize the inductance to
avoid oscillation or ringing. This pin has a low voltage potential, when the output current is
4A, the potential is 16mV above PGND.
14
LDC
Analog Output
The same as Pin 13.
15
PGND
Power Ground
Power ground pin. Connect this pin directly to power supply return path line, 0V. The
maximum current on this pin can go up to 4A.
16
PGND
Power Ground
The same as Pin 15.
17
VPS
Power Input
Power supply voltage. The driver works from VVPS = 5.5V ~27V. The maximum current can
go up to 4A.
18
VPS
Power Input
The same as Pin 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com