Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4621 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 4 Page - Analog Devices

  ADN4621 Datasheet HTML 1Page - Analog Devices ADN4621 Datasheet HTML 2Page - Analog Devices ADN4621 Datasheet HTML 3Page - Analog Devices ADN4621 Datasheet HTML 4Page - Analog Devices ADN4621 Datasheet HTML 5Page - Analog Devices ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADN4620/ADN4621
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 24
RECEIVER INPUT THRESHOLD TEST VOLTAGES
Table 2. Test Voltages for Receiver Operation
Applied Voltages
Input Voltage, Differential, VID (V)
Input Voltage, Common-Mode, VIC (V)
Driver Output, Differential VOD (mV)
DINx+ (V)
DINx− (V)
1.25
1.15
0.1
1.2
>250
1.15
1.25
−0.1
+1.2
<−250
2.4
2.3
0.1
2.35
>250
2.3
2.4
−0.1
+2.35
<−250
0.1
0
0.1
0.05
>250
0
0.1
−0.1
+0.05
<−250
1.5
0.9
0.6
1.2
>250
0.9
1.5
−0.6
+1.2
<−250
2.4
1.8
0.6
2.1
>250
1.8
2.4
−0.6
+2.1
<−250
0.6
0
0.6
0.3
>250
0
0.6
−0.6
+0.3
<−250
TIMING SPECIFICATIONS
For all minimum and maximum specifications, VDD1 = VDD2 = 1.7 V to 1.9 V and TA = −40°C to +125°C, unless otherwise noted. For all typical
specifications, VDD1 = VDD2 = 1.8 V and TA = 25°C. For all specifications, REFRESH1 = VDD1 and REFRESH2 = VDD2, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max1
Unit
Test Conditions/Comments
PROPAGATION DELAY
tPLH, tPHL
2.15
2.8
ns
See Figure 34, from any DINx+ and DINx− pin to the DOUTx+ and DOUTx− pins
SKEW
See Figure 34, across all DOUTx+ and DOUTx− pins
Duty Cycle2
tSK(D)
2
19
ps
Channel to Channel3
tSK(CH)
13
46
ps
Part to Part4
tSK(PP)
150
300
ps
JITTER5
See Figure 34, for any DOUTx+ and DOUTx− pins
Random Jitter, RMS6 (1σ)
tRJ(rms)
0.82
1.44
ps rms
1.25 GHz clock input
Deterministic Jitter, Peak-to-Peak6, 7
tDJ(p-p)
28
54
ps
2.5 Gbps, 223 − 1 pseudorandom bit stream (PRBS)
Total Jitter, Peak-to-Peak, at Bit Error Rate
(BER) 1 × 10−12
tTJ(p-p)
40
70
ps
1.25 GHz/2.5 Gbps, 223 − 1 PRBS8
With Crosstalk
45
ps
1.25 GHz/2.5 Gbps, 223 − 1 PRBS all channels8
With Crosstalk and Refresh
50
ps
1.25 GHz/2.5 Gbps, 223 − 1 PRBS all channels, REFRESH1 = GND1,
REFRESH2 = GND28
Additive Phase Jitter
tADDJ
148
fs rms
100 Hz to 100 kHz, output frequency (fOUT) = 10 MHz9
233
fs rms
100 Hz to 100 kHz, fOUT = 10 MHz, REFRESH1 = GND1, REFRESH2 =
GND29
111
fs rms
12 kHz to 20 MHz, fOUT = 1.25 GHz10
208
fs rms
12 kHz to 20 MHz, fOUT = 1.25 GHz, REFRESH1 = GND1, REFRESH2 =
GND210
RISE AND FALL TIME
tR, tF
180
ps
See Figure 34, 1.25 GHz clock input, any DOUTx+ and DOUTx− pin, 20% to
80%, RL = 100 Ω, load capacitance (CL) = 5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com