Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8384ASVZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8384ASVZ
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384ASVZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8384ASVZ Datasheet HTML 6Page - Analog Devices AD8384ASVZ Datasheet HTML 7Page - Analog Devices AD8384ASVZ Datasheet HTML 8Page - Analog Devices AD8384ASVZ Datasheet HTML 9Page - Analog Devices AD8384ASVZ Datasheet HTML 10Page - Analog Devices AD8384ASVZ Datasheet HTML 11Page - Analog Devices AD8384ASVZ Datasheet HTML 12Page - Analog Devices AD8384ASVZ Datasheet HTML 13Page - Analog Devices AD8384ASVZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8384
Rev. 0 | Page 10 of 24
Pin Name
Function
Description
INV
Invert
When this input is HIGH, the VIDx output voltages are above V2. When INV is LOW, the VIDx
output voltages are below V1.
The state of INV is latched on the first rising CLK edge, after XFR is detected. The VIDx
outputs change on the rising CLK edge after the next XFR is detected.
DVCC
Digital Power Supply
Digital Power Supply.
DGND
Digital Ground
This pin is normally connected to the digital ground plane.
AVCCx
Analog Power
Supplies
Analog Power Supplies.
AGNDx
Analog Ground
Analog Supply Returns.
SVRH, SVRL
Serial DAC Reference
Voltages
Reference Voltages for the Output Amplifiers of the Control DACs.
SCL
Serial Data Clock
Serial Data Clock.
SDI
Data Input
While the SEN input is LOW, one 12-bit serial word is loaded into the serial DAC on the
rising edges of SCL. The first bit selects the output, the next three bits are unused, and the
subsequent eight bits are the data used in the DAC.
SEN
Serial DAC Enable
A falling edge of this input initiates a loading cycle. While this input is held LOW, the serial
DAC is enabled and data is loaded on every rising edge of SCL. The selected output is
updated on the rising edge of this input. While this input is held HIGH, the control DAC is
disabled.
VAO1, VAO2
Serial DAC Voltage
Output
These output voltages are updated on the rising edge of the SEN input.
TSTM
Test Mode
When this input is LOW, the output mode is determined by the function programmed into
the serial interface.
While this input is held HIGH, the output mode is forced to NORMAL, regardless of function
programmed into the serial interface.
MONITI
Monitor Input
Logic Input of the Level Shifting Inverting Edge Detector.
MONITO
Monitor Output
Output of the Level Shifting Inverting Edge Detector.
DYIN, DIRYIN,
DIRXIN, DXIN,
NRGIN, ENBX(1–4)IN
Inverting Level
Shifter Inputs
Logic Input of the Inverting Level Shifters.
DX, DY, DIRX, DIRY,
NRG, ENBX(1-4)
Inverting Level
Shifter Outputs
While the corresponding input voltage of these level shifters is below the threshold
voltage, the output voltage at these pins is at VOH.
While the corresponding input voltage of these level shifters is above the threshold
voltage, the output voltage at these pins is at VOL.
CLXIN, CLYIN
Complementary
Level Shifter Inputs
Logic Input of the Complementary Level Shifters.
CLX, CLXN, CLY,
CLYN,
Complementary
Level Shifter Outputs
While the corresponding input voltage of these level shifters is below the threshold
voltage, the voltage at the noninverting output pins is at VOH and the voltage at the
inverting outputs is at VOL.
While the corresponding input voltage of these level shifters is above the threshold
voltage, the voltage at the noninverting output pins is at VOL and the voltage at the
inverting outputs is at VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com