Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 64Page - Texas Instruments TMS320VC5441 Datasheet HTML 65Page - Texas Instruments TMS320VC5441 Datasheet HTML 66Page - Texas Instruments TMS320VC5441 Datasheet HTML 67Page - Texas Instruments TMS320VC5441 Datasheet HTML 68Page - Texas Instruments TMS320VC5441 Datasheet HTML 69Page - Texas Instruments TMS320VC5441 Datasheet HTML 70Page - Texas Instruments TMS320VC5441 Datasheet HTML 71Page - Texas Instruments TMS320VC5441 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
Electrical Specifications
59
December 1999 – Revised April 2002
SPRS122E
5.7
Reset, x_BIO, and Interrupt Timings
Table 5–6 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 5–4 and
Figure 5–5).
Table 5–6. Reset, x_BIO, and Interrupt Timing Requirements
MIN
MAX
UNIT
th(RS)
Hold time, x_RS after CLKOUT low
0
ns
th(BIO)
Hold time, x_BIO after CLKOUT low
0
ns
th(INT)
Hold time, x_INT, x_NMI, after CLKOUT low†
0
ns
tw(RSL)
Pulse duration, x_RS low‡§
4H+4
ns
tw(BIO)
Pulse duration, x_BIO low, synchronous†
5H
ns
tw(INTH)
Pulse duration, x_INT, x_NMI high (synchronous)†
4H
ns
tw(INTL)
Pulse duration, x_INT, x_NMI low (synchronous)†
4H
ns
tw(INTL)WKP Pulse duration, x_INT, x_NMI low for IDLE2/IDLE3 wakeup†
6
ns
tsu(RS)
Setup time, x_RS before CLKIN low§
4
ns
tsu(BIO)
Setup time, x_BIO before CLKOUT low
7
ns
tsu(INT)
Setup time, x_INT, x_NMI, x_RS before CLKOUT low
7
ns
† The external interrupts (x_INT, x_NMI) are synchronized to the core CPU by way of a two flip-flop synchronizer, which samples these inputs with
consecutive falling edges of CLKOUT. The input to the interrupt pins is required to represent a 1-0-0 sequence at the timing that is corresponding
to a three-CLKOUT sampling sequence.
‡ If the PLL mode is selected, then at power-on sequence, or at wakeup from IDLE3, x_RS must be held low for at least 50
µs to ensure
synchronization and lock-in of the PLL.
§ x_RS can cause a change in clock frequency, changing the value of H (see Section 3.2.6).
x_BIO
CLKOUT
x_RS, x_NMI, x_INT
CLKIN
th(BIO)
th(RS)
tsu(INT)
tw(BIO)
tsu(BIO)
tw(RSL)
tsu(RS)
Figure 5–4. Reset and x_BIO Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com