Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 6Page - Texas Instruments TMS320VC5441 Datasheet HTML 7Page - Texas Instruments TMS320VC5441 Datasheet HTML 8Page - Texas Instruments TMS320VC5441 Datasheet HTML 9Page - Texas Instruments TMS320VC5441 Datasheet HTML 10Page - Texas Instruments TMS320VC5441 Datasheet HTML 11Page - Texas Instruments TMS320VC5441 Datasheet HTML 12Page - Texas Instruments TMS320VC5441 Datasheet HTML 13Page - Texas Instruments TMS320VC5441 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
Features
1
December 1999 – Revised April 2002
SPRS122E
1
TMS320VC5441 Features
D 532-MIPS Quad-Core DSP Consisting of
Four Independent Subsystems
D Each Core has an Advanced Multibus
Architecture With Three Separate 16-Bit
Data Memory Buses and One Program Bus
D 40-Bit Arithmetic Logic Unit (ALU)
Including a 40-Bit Barrel-Shifter and Two
40-Bit Accumulators Per Core
D Each Core has a 17-Bit × 17-Bit Parallel
Multiplier Coupled to a 40-Bit Adder for
Non-Pipelined Single-Cycle Multiply/
Accumulate (MAC) Operations
D Each Core has a Compare, Select, and
Store Unit (CSSU) for the Add/Compare
Selection of the Viterbi Operator
D Each Core has an Exponent Encoder to
Compute an Exponent Value of a 40-Bit
Accumulator Value in a Single Cycle
D Each Core has Two Address Generators
With Eight Auxiliary Registers and Two
Auxiliary Register Arithmetic Units
(ARAUs)
D Total 640K-Word × 16-Bit Dual-Access
On-Chip RAM (256K-Word x 16-Bit Shared
Memory and 96K-Word x 16-Bit Local
Memory Per Subsystem)
D Single-Instruction Repeat and
Block-Repeat Operations
D Instructions With 32-Bit Long Word
Operands
D Instructions With 2 or 3 Operand Reads
D Fast Return From Interrupts
D Arithmetic Instructions With Parallel Store
and Parallel Load
D Conditional Store Instructions
D Output Control of CLKOUT
D Output Control of Timer Output (TOUT)
D Power Consumption Control With IDLE1,
IDLE2, and IDLE3 Instructions
D Dual 1.6-V (Core) and 3.3-V (I/O) Power
Supplies for Low-Power, Fast Operations
D 7.5-ns Single-Cycle Fixed-Point Instruction
D Twenty-Four Channels of Direct Memory
Access (DMA) for Data Transfers With No
CPU Loading (Six Channels Per
Subsystem)
D Twelve Multichannel Buffered Serial Ports
(McBSPs), Each With 128-Channel
Selection Capability (Three McBSPs per
Subsystem)
D 16-Bit Host-Port Interface (HPI)
D Software-Programmable Phase-Locked
Loop (PLL) Provides Several Clocking
Options (Requires External TTL Oscillator)
D On-Chip Scan-Based Emulation Logic,
IEEE Standard 1149.1{ (JTAG) Boundary-
Scan Logic
D Four Software-Programmable Timers
(One Per Subsystem)
D Four Software-Programmable Watchdog
Timers (One Per Subsystem)
D Sixteen General-Purpose I/Os
(Four Per Subsystem)
D Provided in 176-pin Plastic Low-Profile
Quad Flatpack (LQFP) Package
(PGF Suffix)
D Provided in 169-ball MicroStar BGAt
Package (GGU Suffix)
MicroStar BGA is a trademark of Texas Instruments.
Other trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990, Standard Test-Access Port and Boundary Scan Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com