Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 37Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 38Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 39Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 40Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 41Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 42Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 43Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 44Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Functional Overview
32
December 1999 – Revised April 2002
SPRS122E
The McBSP is fully static and operates at arbitrarily low clock frequencies. For the maximum McBSP
multichannel operating frequency, see Section 5.10 of this data manual.
3.2.3.3
McBSP1 and McBSP2
The four McBSP1s from each subsystem share the same external signal pins. The four McBSP2s from each
subsystem share the same set of external signal pins. They can only operate in either of the following modes:
•
multichannel mode (x_BCLKR, x_BCLKX, x_BFSR, and x_BFSX are external and the McBSPs share
TDM stream with no single time slot assigned to more than one McBSP)
•
standard serial port mode (x_BCLKR, x_BCLKX, x_BFSR, and x_BFSX are external and only one McBSP
is enabled at one time).
For McBSP1 and McBSP2, no other mode is supported.
3.2.3.4
SA Multiplexer
The SA1 and SA2 multiplexers provide multiplexing for the four McBSP1s and the four McBSP2s from each
subsystem and present the data path to the device boundary. All the same functional pins from the four
McBSP1s are multiplexed together by SA1 and connect to the device external pins. All the same functional
pins from the four McBSP2s are multiplexed together by SA2 and connect to the device external pins. The
functional pins are: data receive (BDRn), data transmit (BDXn), receive frame sync (BFSRn), transmit frame
sync (BFSXn), receive shift clock (BCLKRn), and transmit shift clock (BCLKXn).
When McBSP operates in multichannel mode, software shall ensure that the same channel (time slot) not be
assigned by more than one subsystem. If more than one subsystem enables the same transmit time slot, the
results are undefined.
Figure 3–20 shows 5441 block diagram with SA1 logic; SA2 logic is identical.
DSP Subsystem A
DSP ID: 0000
McBSP1
McBSP1
DSP ID: 0001
DSP Subsystem B
McBSP1
DSP ID: 0010
DSP Subsystem C
McBSP1
DSP Subsystem D
DSP ID: 0011
SA1
NOTE: SA is the MUX/Arbitration logic for McBSP1 operation.
Figure 3–20. SA Multiplexer for McBSP1 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com