Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 72Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 73Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 74Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 75Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 76Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 77Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 78Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 79Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Electrical Specifications
67
December 1999 – Revised April 2002
SPRS122E
5.11 Host-Port Interface (HPI16) Timing
Table 5–14 and Table 5–15 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5–13 through Figure 5–19). In the following tables, DS refers to the logical OR of HCS, HDS1, and
HDS2, and HD refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.).
Table 5–14. HPI16 Timing Requirements
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HAD valid before DS falling edge†‡
4
ns
th(DSL-HBV)
Hold time, HAD valid after DS falling edge†‡
4
ns
tsu(HBV-HSL)
Setup time, HAD valid before HAS falling edge†
4
ns
th(HSL-HBV)
Hold time, HAD valid after HAS falling edge†
4
ns
tsu(HAV-DSH)
Setup time, address valid before DS rising edge (nonmultiplexed write)‡
5
ns
tsu(HAV-DSL)
Setup time, address valid before DS falling edge (nonmultiplexed read)‡
–(4H + 5)
ns
th(DSH-HAV)
Hold time, address valid after DS rising edge (nonmultiplexed mode)‡
2
ns
tsu(HSL-DSL)
Setup time, HAS low before DS falling edge‡
4
ns
th(HSL-DSL)
Hold time, HAS low after DS falling edge‡
2
ns
tw(DSL)
Pulse duration, DS low‡
23
ns
tw(DSH)
Pulse duration, DS high‡
8
ns
Nonmultiplexed or multiplexed mode
(no increment) memory accesses (or
Reads
10H + 20
ns
(no increment) memory accesses (or
writes to the FETCH bit) with no DMA
activity.
Writes
10H + 10
ns
Cycle time, DS rising edge to next DS
Nonmultiplexed or multiplexed mode
(no increment) memory accesses (or
Reads
16H + 20
ns
Cycle time, DS rising edge to next DS
rising edge‡
(no increment) memory accesses (or
writes to the FETCH bit) with 16-bit
DMA activity.
Writes
16H + 10
ns
Nonmultiplexed or multiplexed mode
(no increment) memory accesses (or
Reads
24H + 20
ns
(no increment) memory accesses (or
writes to the FETCH bit) with 32-bit
DMA activity.
Writes
24H + 10
ns
tc(DSH-DSH)
Cycle time, DS rising edge to next DS
ii
d
‡
Multiplexed
(autoincrement)
memory
accesses (or writes to the FETCH bit) with no
DMA activity.
10H + 10
ns
yg
g
rising edge‡
(In autoincrement mode, WRITE
timings are the same as READ
Multiplexed
(autoincrement)
memory
accesses (or writes to the FETCH bit) with
16-bit DMA activity.
16H + 10
ns
timings are the same as READ
timings.)
Multiplexed
(autoincrement)
memory
accesses (or writes to the FETCH bit) with
32-bit DMA activity.
24H + 10
ns
Cycle time, DS rising edge to next DS rising edge for writes to DSPINT and x_HINT
8H
ns
Cycle time, DS rising edge to next DS rising edge for HPIC reads, HPIC XADD bit
writes, and address register reads and writes
40
ns
tsu(HDV-DSH)W
Setup time, HD valid before DS rising edge‡
4
ns
th(DSH-HDV)W
Hold time, HD valid after DS rising edge, write‡
2
ns
tsu(SELV-DSL)
Setup time, HPI_SEL1/SEL2 valid before DS falling edge‡
4
ns
th(DSH-SELV)
Hold time, HPI_SEL1/SEL2 valid after DS rising edge‡
1
ns
† HAD stands for HCNTL0, HCNTL1, and HR/W.
‡ DS refers to either HCS or HDS, whichever is controlling the transfer. Refer to the TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302) for information regarding logical operation of the HPI16. These timings are shown assuming that HDS
is the signal controlling the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com