Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7431MP8VR Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # A7431MP8VR
Description  DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7431MP8VR Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  A7431MP8VR Datasheet HTML 1Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 2Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 3Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 4Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 5Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 6Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 7Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 8Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7431
DC-DC CONVERTER BUCK (STEP-DOWN)
42V 3A CC/CV
REV1.1
- JAN 2016 RELEASED, SEP 2016 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage
-0.3V ~ 42V
SW Voltage
-1V ~ VIN + 1V
Boost Voltage
VSW - 0.3V ~ VSW + 7V
All Other Pins Voltage
-0.3V ~ 6V
Junction to Ambient Thermal Resistance
46°C/W
Operating Junction Temperature
-40°C ~160°C
Storage Temperature
- 55°C ~ 150°C
Operating Temperature
-40°C ~ 85°C
Lead Temperature (Soldering 10 sec.)
300℃
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com