Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7431MP8VR Datasheet(PDF) 10 Page - AiT Semiconductor Inc.

Part # A7431MP8VR
Description  DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7431MP8VR Datasheet(HTML) 10 Page - AiT Semiconductor Inc.

Back Button A7431MP8VR Datasheet HTML 6Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 7Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 8Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 9Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 10Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 11Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 12Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 13Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 14Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7431
DC-DC CONVERTER BUCK (STEP-DOWN)
42V 3A CC/CV
REV1.1
- JAN 2016 RELEASED, SEP 2016 UPDATED -
- 10 -
Rectifier Diode
Use a Schottky diode as the rectifier to conduct current when the High-Side Power Switch is off. The Schottky
diode must have current rating higher than the maximum output current and a reverse voltage rating higher
than the maximum input voltage.
STABILITY COMPENSATION
Figure 5: Stability Compensation
CCOMP2 is needed only for high ESR output capacitor The feedback loop of the IC is stabilized by the
components at the COMP pin, as shown in Figure 5.
The DC loop gain of the system is determined by the following equation:
AVDC =
OUT
I
0.808V A
VEA
GCOMP
The dominant pole P1 is due to CCOMP:
∫P1 =
COMP
VEA
EA
C
A
2
G
π
The second pole P2 is the output pole:
∫P2 =
OUT
OUT
OUT
C
V
2
I
π
The first zero Z1 is due to RCOMP and CCOMP:
∫Z1 =
COMP
COMP
C
R
2
1
π
And finally, the third pole is due to RCOMP and CCOMP2 (if CCOMP2 is used):
∫P3 =
2
COMP
COMP
C
R
2
1
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com